Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC6A596 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC6A596
Description  POWER LOGIC 8-BIT SHIFT REGISTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC6A596 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC6A596 Datasheet HTML 5Page - Texas Instruments TPIC6A596 Datasheet HTML 6Page - Texas Instruments TPIC6A596 Datasheet HTML 7Page - Texas Instruments TPIC6A596 Datasheet HTML 8Page - Texas Instruments TPIC6A596 Datasheet HTML 9Page - Texas Instruments TPIC6A596 Datasheet HTML 10Page - Texas Instruments TPIC6A596 Datasheet HTML 11Page - Texas Instruments TPIC6A596 Datasheet HTML 12Page - Texas Instruments TPIC6A596 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TPIC6A596
POWER LOGIC 8-BIT SHIFT REGISTER
SLIS094 – MARCH 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – MHz
1
0.5
0
0.1
1
10
1.5
2
100
2.5
3
3.5
4
VCC = 5 V
TJS = – 40°C to 125°C
Figure 8
MAXIMUM CONTINUOUS
DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
0.4
0.2
0.1
0
12
3
4
5
0.6
0.7
67
8
0.5
0.3
VCC = 5 V
TA = 25°C
TA = 100°C
TA = 125°C
N – Number of Outputs Conducting Simultaneously
Figure 9
N – Number of Outputs Conducting Simultaneously
0.2
0.1
0
1
234
56
7
8
0.3
d = 20%
d = 50%
d = 80%
0.4
0.7
0.6
0.5
0.8
0.9
VCC = 5 V
TA = 25°C
d = tw/tperiod
d = 1 ms/tperiod
MAXIMUM PEAK DRAIN CURRENT OF EACH OUTPUT
vs
NUMBER OF OUTPUTS CONDUCTING
SIMULTANEOUSLY
Figure 10
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
NOTE A: Technique should limit TJ – TC to 10°C maximum.
ID – Drain Current – A
1
0.75
0.25
0
0
0.2
0.4
0.6
1.25
1.75
2
0.8
1
0.5
1.5
TC = 25°C
TC = 125°C
TC = – 40°C
1.2
VCC = 5 V
See Note A
Current Limit


Similar Part No. - TPIC6A596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A596 TI1-TPIC6A596 Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596DW TI1-TPIC6A596DW Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596DWG4 TI1-TPIC6A596DWG4 Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596DWRG4 TI1-TPIC6A596DWRG4 Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A596NE TI1-TPIC6A596NE Datasheet
271Kb / 16P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
More results

Similar Description - TPIC6A596

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A595 TI-TPIC6A595 Datasheet
177Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6B595 TI-TPIC6B595 Datasheet
146Kb / 10P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596 Datasheet
194Kb / 12P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6595 TI1-TPIC6595_16 Datasheet
1Mb / 18P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C596 TI-TPIC6C596_05 Datasheet
495Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6C595 TI-TPIC6C595 Datasheet
180Kb / 11P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6D595 STMICROELECTRONICS-STPIC6D595 Datasheet
337Kb / 20P
   Power logic 8-bit shift register
logo
Texas Instruments
TPIC6C595DRG4 TI-TPIC6C595DRG4 Datasheet
976Kb / 20P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
TPIC6A595DWR TI1-TPIC6A595DWR Datasheet
568Kb / 17P
[Old version datasheet]   POWER LOGIC 8-BIT SHIFT REGISTER
logo
STMicroelectronics
STPIC6C595 STMICROELECTRONICS-STPIC6C595_08 Datasheet
420Kb / 22P
   Power logic 8-bit shift register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com