Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD001-CADG13 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PD001-CADG13
Description  Single Digit Mini 7 Segment 0.3??Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PD001-CADG13 Datasheet(HTML) 1 Page - P-tec Corporation

  PD001-CADG13 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.54x4=10.16
6.05
12.7
7.6
5.08
3.5Min.
0.25
0.5
7.62
Ø0.9
0.8
+1
+5
6+
10+
A
B
C
D
E
F
G
DP
4.2
10.0°
PD001 Series Single Digit Mini 7 Segment 0.3” Display
Features
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
nm
Typ
Max
Min
Typ
PD001-CADG13
PD001-CCDG13
Green
GaP
567
572
2.1
2.6
2.5
5.0
*Single Digit .3” (7.62mm) Green Display
with 10 Pins
*Space Saving Small Body Size
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*Gray Face, White Segments
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA)..……………………...………..……………………….….… 5.0V
Max Forward Current..……………………………………..……………….……….. 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)……………….…………...... 100mA
Operating Temperature Range.………………….………...….………...….. -25°C to +85°C
Storage Temperature Range…….………………………....…….…….….. -40°C to +100°C
Soldering Temperature (1.6 mm below body)..………….……………...…. 260°C for 5 seconds
Power Dissipation……………………………………………………………………. 78mW
All dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin may be ± 5° max.
Common Anode
Pin
#
Common Cathode.
Pin
#
1 Common Anode
2 Cathode F
3 Cathode G
4 Cathode E
5 Cathode D
6 Common Anode
7 Cathode DP
8 Cathode C
9 Cathode B
10 Cathode A
1 Common Cathode
2 Anode F
3 Anode G
4 Anode E
5 Anode D
6 Common Cathode
7 Anode DP
8 Anode C
9 Anode B
10 Anode A
Pin Function
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
02-21-07 Rev 0 RS


Similar Part No. - PD001-CADG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD001-CADO12 P-TEC-PD001-CADO12 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADR12 P-TEC-PD001-CADR12 Datasheet
364Kb / 1P
   PD001 Series Single Digit Mini 7 Segment 0.3 Display
PD001-CADR21 P-TEC-PD001-CADR21 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADR24 P-TEC-PD001-CADR24 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADY01 P-TEC-PD001-CADY01 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
More results

Similar Description - PD001-CADG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PD001-CADR24 P-TEC-PD001-CADR24 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADO12 P-TEC-PD001-CADO12 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADR21 P-TEC-PD001-CADR21 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADY01 P-TEC-PD001-CADY01 Datasheet
31Kb / 1P
   Single Digit Mini 7 Segment 0.3??Display
PD001-CADR12 P-TEC-PD001-CADR12 Datasheet
364Kb / 1P
   PD001 Series Single Digit Mini 7 Segment 0.3 Display
logo
LUMEX INC.
LDS-SMHTA5604RISIT LUMEX-LDS-SMHTA5604RISIT Datasheet
172Kb / 2P
   7 Segment Single Digit Display
logo
P-tec Corporation
PDT56-CADB04 P-TEC-PDT56-CADB04 Datasheet
50Kb / 1P
   Single Digit 7 Segment 0.56??Display
logo
Visual Communications C...
DSM7UA56101 VCC-DSM7UA56101 Datasheet
955Kb / 7P
   Single Digit 7-Segment LED Display
logo
P-tec Corporation
PD07-CADG13 P-TEC-PD07-CADG13 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
PD07-CADR24 P-TEC-PD07-CADR24 Datasheet
32Kb / 1P
   Single Digit 7 Segment 0.39??Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com