Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS1120D Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS1120D
Description  DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS1120D Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS1120D Datasheet HTML 4Page - Texas Instruments TPS1120D Datasheet HTML 5Page - Texas Instruments TPS1120D Datasheet HTML 6Page - Texas Instruments TPS1120D Datasheet HTML 7Page - Texas Instruments TPS1120D Datasheet HTML 8Page - Texas Instruments TPS1120D Datasheet HTML 9Page - Texas Instruments TPS1120D Datasheet HTML 10Page - Texas Instruments TPS1120D Datasheet HTML 11Page - Texas Instruments TPS1120D Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TPS1120, TPS1120Y
DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS080A – MARCH 1994 – REVISED AUGUST 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
The profile of the heat sinks used for thermal measurements is shown in Figure 14. Board type is FR4 with 1-oz copper
and 1-oz tin/lead (63/37) plate. Use of vias or through-holes to enhance thermal conduction was avoided.
Figure 15 shows a family of RθJA curves. The RθJA was obtained for various areas of heat sinks while subject to air
flow. Power remained fixed at 0.25 W per device or 0.50 W per package. This testing was done at 25
°C.
As Figure 14 illustrates, there are two separated heat sinks for each package. Each heat sink is coupled to the lead
that is internally tied to a single MOSFET source and is half the total area, as shown in Figure 15. For example, if the
total area shown in Figure 15 is 4 cm2, each heat sink is 2 cm2.
1DRAIN
2DRAIN
1SOURCE
1GATE
2GATE
The Combined Area
of These Two Heat
Sinks Is 4 cm2
TPS1120D IC
HS: 4 cm2
8P SOIC Thermal Analysis
≅ 2 cm
2SOURCE
Figure 14. Profile of Heat Sinks
70
60
50
0
50
100
150
80
90
THERMAL RESISTANCE, JUNCTION-TO-AMBIENT
vs
AIRFLOW, 25
°C
100
200
250
300
Airflow, 25
°C – ft/min
110
120
130
140
150
TJ = 25°C
P = 0.5 W
Heat Sink Areas
as Shown
0.5 cm2
1 cm2
2 cm2
4 cm2
0 cm2
8 cm2
Figure 15


Similar Part No. - TPS1120D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120D TI1-TPS1120D Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DG4 TI1-TPS1120DG4 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DR TI1-TPS1120DR Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120DRG4 TI1-TPS1120DRG4 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
VBsemi Electronics Co.,...
TPS1120DRG4 VBSEMI-TPS1120DRG4 Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - TPS1120D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
List of Unclassifed Man...
TD2001Y ETC1-TD2001Y Datasheet
88Kb / 2P
   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4955GM SSC-SSM4955GM Datasheet
521Kb / 5P
   Dual P-channel Enhancement-mode Power MOSFETs
SSM4957 SSC-SSM4957 Datasheet
234Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM9930M SSC-SSM9930M Datasheet
343Kb / 8P
   DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com