Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2015 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2015
Description  POWER DISTRIBUTION SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2015 Datasheet(HTML) 3 Page - Texas Instruments

  TPS2015 Datasheet HTML 1Page - Texas Instruments TPS2015 Datasheet HTML 2Page - Texas Instruments TPS2015 Datasheet HTML 3Page - Texas Instruments TPS2015 Datasheet HTML 4Page - Texas Instruments TPS2015 Datasheet HTML 5Page - Texas Instruments TPS2015 Datasheet HTML 6Page - Texas Instruments TPS2015 Datasheet HTML 7Page - Texas Instruments TPS2015 Datasheet HTML 8Page - Texas Instruments TPS2015 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
4
I
Enable input. Logic low at EN turns the power switch on.
GND
1
I
Ground
IN
2, 3
I
Input voltage
OC
5
O
OC is asserted active low during a fault condition.
OUT
6–8
O
Power switch output
detailed description
power switch
The power switch is an n-channel MOSFET with a maximum on-state resistance of 95 m
Ω (VI(IN) = 5 V),
configured as a high-side switch.
charge pump
An internal 100-kHz charge pump supplies power to the driver circuit and provides the necessary voltage to pull
the gate of the MOSFET above the source. The charge pump operates from input voltages as low as 4 V and
requires very little supply current.
driver
The driver controls the gate voltage of the power switch. To limit large current surges and reduce the associated
electromagnetic interference (EMI) produced, the driver incorporates circuitry that controls the rise times and
fall times of the output voltage. The rise and fall times are typically in the 2-ms to 4-ms range instead of the
microsecond or nanosecond range for a standard FET.
enable (EN)
A logic high on EN turns off the power switch and the bias for the charge pump, driver, and other circuitry to
reduce the supply current to less than 10
µA. A logic zero input restores bias to the drive and control circuits
and turns the power on. The enable input is compatible with both TTL and CMOS logic levels.
overcurrent (OC)
OC is an open-drain logic output that is asserted (active low) when an overload or short circuit is encountered.
The output remains asserted until the overload or short-circuit condition is removed.
current sense
A sense FET monitors the current supplied to the load. The sense FET provides a much more efficient way to
measure current than conventional resistance methods. When an overload or short circuit is encountered, the
current-sense circuitry sends a control signal to the driver. The driver in turn reduces the gate voltage and drives
the power FET into its linear region, which switches the output into a constant current mode and simply holds
the current constant while varying the voltage on the load.
thermal sense
An internal thermal-sense circuit shuts off the power switch when the junction temperature rises to
approximately to 180
°C. Hysteresis is built into the thermal sense circuit. After the device has cooled
approximately 20
°C, the switch turns back on. The switch continues to cycle off and on until the fault is removed.
undervoltage lockout
An internal voltage sense monitors the input voltage. When the input voltage is below 3.2 V nominal, a control
signal turns off the power switch.


Similar Part No. - TPS2015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2015 TI-TPS2015 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2015 TI-TPS2015 Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2015D TI-TPS2015D Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2015DR TI-TPS2015DR Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com