Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2010AD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2010AD
Description  POWER-DISTRIBUTION SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2010AD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2010AD Datasheet HTML 5Page - Texas Instruments TPS2010AD Datasheet HTML 6Page - Texas Instruments TPS2010AD Datasheet HTML 7Page - Texas Instruments TPS2010AD Datasheet HTML 8Page - Texas Instruments TPS2010AD Datasheet HTML 9Page - Texas Instruments TPS2010AD Datasheet HTML 10Page - Texas Instruments TPS2010AD Datasheet HTML 11Page - Texas Instruments TPS2010AD Datasheet HTML 12Page - Texas Instruments TPS2010AD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS2010A, TPS2011A, TPS2012A, TPS2013A
POWER-DISTRIBUTION SWITCHES
SLVS189A – DECEMBER 1998 – REVISED NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 6. Device Enabled Into Short
1
2
345
6
7
8
9
10
t – Time – ms
VI(EN) (5 V/div)
0
IO(OUT) (1 A/div)
VI(EN)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
TPS2013A
TPS2012A
TPS2011A
TPS2010A
Figure 7. TPS2010A, Ramped Load on
Enabled Device
20
40
60
80 100 120 140 160 180 200
t – Time – ms
0
IO(OUT) (500 mA/div)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
Figure 8. TPS2011A, Ramped Load on Enabled
Device
20
40
60
80 100 120 140 160 180 200
t – Time – ms
0
IO(OUT) (1 A/div)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
Figure 9. TPS2012A, Ramped Load on
Enabled Device
20
40
60
80 100 120 140 160 180 200
t – Time – ms
0
IO(OUT) (1 A/div)
IO(OUT)
VI(IN) = 5 V
TA = 25°C


Similar Part No. - TPS2010AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010AD TI-TPS2010AD Datasheet
1Mb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010ADG4 TI-TPS2010ADG4 Datasheet
1Mb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010ADR TI-TPS2010ADR Datasheet
1Mb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010ADRG4 TI-TPS2010ADRG4 Datasheet
1Mb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2010AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com