Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2015P Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2015P
Description  POWER DISTRIBUTION SWITCHES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2015P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2015P Datasheet HTML 7Page - Texas Instruments TPS2015P Datasheet HTML 8Page - Texas Instruments TPS2015P Datasheet HTML 9Page - Texas Instruments TPS2015P Datasheet HTML 10Page - Texas Instruments TPS2015P Datasheet HTML 11Page - Texas Instruments TPS2015P Datasheet HTML 12Page - Texas Instruments TPS2015P Datasheet HTML 13Page - Texas Instruments TPS2015P Datasheet HTML 14Page - Texas Instruments TPS2015P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS2014, TPS2015
POWER DISTRIBUTION SWITCHES
SLVS159B – DECEMBER 1996 – REVISED AUGUST 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 8. TPS2015 (Enabled) into Short Circuit, VI(IN) = 5 V
12
10
8
6
12
t – Time – ms
34
5
0
4
2
0
–2
–4
0.5
1.5
2.5
3.5
4.5
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Turn-On Delay Time vs Input Voltage
9
Turn-Off Delay Time vs Input Voltage
10
Rise Time vs Output Current
11
Fall Time vs Output Current
12
Supply Current, Output Enabled vs Junction Temperature
13
Supply Current, Output Enabled vs Junction Temperature
14
Supply Current, Output Enabled vs Input Voltage
15
Supply Current, Output Enabled vs Input Voltage
16
On-State Resistance vs Junction Temperature
17
On-State Resistance vs Input Voltage
18
Input Voltage to Output Voltage vs Input Voltage
19
Short-Circuit Output Current vs Input Voltage
20
Threshold Trip Current vs Input Voltage
21
Short-Circuit Output Current vs Junction Temperature
22
UVLO Trip Voltage vs Junction Temperature
23


Similar Part No. - TPS2015P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2015P TI-TPS2015P Datasheet
1Mb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2015P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com