Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2043 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2043
Description  TRIPLE POWER-DISTRIBUTION SWITCHES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2043 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2043 Datasheet HTML 2Page - Texas Instruments TPS2043 Datasheet HTML 3Page - Texas Instruments TPS2043 Datasheet HTML 4Page - Texas Instruments TPS2043 Datasheet HTML 5Page - Texas Instruments TPS2043 Datasheet HTML 6Page - Texas Instruments TPS2043 Datasheet HTML 7Page - Texas Instruments TPS2043 Datasheet HTML 8Page - Texas Instruments TPS2043 Datasheet HTML 9Page - Texas Instruments TPS2043 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPS2043, TPS2053
TRIPLE POWER-DISTRIBUTION SWITCHES
SLVS191 – JANUARY 1999
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range, VI(IN)= 5.5 V,
IO = rated current, VI(ENx) = 0 V, VI(ENx) = Hi (unless otherwise noted)
power switch
PARAMETER
TEST CONDITIONS†
TPS2043
TPS2053
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI(INx) = 5 V,
IO = 0.5 A
TJ = 25°C,
80
95
80
95
Static drain-source on-state
resistance, 5-V operation
VI(INx) = 5 V,
IO = 0.5 A
TJ = 85°C,
90
120
90
120
rDS( )
VI(INx) = 5 V,
IO = 0.5 A
TJ = 125°C,
100
135
100
135
m
rDS(on)
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 25°C,
85
105
85
105
Static drain-source on-state
resistance, 3.3-V operation
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 85°C,
100
135
100
135
VI(INx) = 3.3 V,
IO = 0.5 A
TJ = 125°C,
115
150
115
150
t
Rise time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
tr
Rise time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
3
3
ms
tf
Fall time output
VI(INx) = 5.5 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
4.4
4.4
ms
tf
Fall time, output
VI(INx) = 2.7 V,
CL = 1 µF,
TJ = 25°C,
RL = 10 Ω
2.5
2.5
ms
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
enable input ENx or ENx
PARAMETER
TEST CONDITIONS
TPS2043
TPS2053
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
2.7 V
≤ VI(INx) ≤ 5.5 V
2
2
V
VIL
Low level input voltage
4.5 V
≤ VI(INx) ≤ 5.5 V
0.8
0.8
V
VIL
Low-level input voltage
2.7 V
≤ VI(INx) ≤ 4.5 V
0.4
0.4
II
Input current
TPS2043
VI(ENx) = 0 V or VI(ENx) = VI(IN)
–0.5
0.5
µA
II
Input current
TPS2053
VI(ENx) = VI(INx) or VI(ENx) = 0 V
–0.5
0.5
µA
ton
Turnon time
CL = 100 µF, RL=10 Ω
20
20
ms
toff
Turnoff time
CL = 100 µF, RL=10 Ω
40
40
current limit
PARAMETER
TEST CONDITIONS†
TPS2043
TPS2053
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
VI(INx) = 5 V, OUT connected to GND,
Device enable into short circuit
0.7
0.9
1.1
0.7
0.9
1.1
A
† Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.


Similar Part No. - TPS2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2043 TI-TPS2043 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2043 TI1-TPS2043 Datasheet
611Kb / 28P
[Old version datasheet]   TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2043A TI1-TPS2043A Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2043AD TI-TPS2043AD Datasheet
484Kb / 32P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2043AD TI1-TPS2043AD Datasheet
1,011Kb / 34P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2043 TI1-TPS2043_14 Datasheet
611Kb / 28P
[Old version datasheet]   TRIPLE POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047_14 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com