Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2011PW Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2011PW
Description  POWER-DISTRIBUTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2011PW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2011PW Datasheet HTML 7Page - Texas Instruments TPS2011PW Datasheet HTML 8Page - Texas Instruments TPS2011PW Datasheet HTML 9Page - Texas Instruments TPS2011PW Datasheet HTML 10Page - Texas Instruments TPS2011PW Datasheet HTML 11Page - Texas Instruments TPS2011PW Datasheet HTML 12Page - Texas Instruments TPS2011PW Datasheet HTML 13Page - Texas Instruments TPS2011PW Datasheet HTML 14Page - Texas Instruments TPS2011PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
TPS2010, TPS2011, TPS2012, TPS2013
POWER-DISTRIBUTION
SLVS097A – DECEMBER 1994 – REVISED AUGUST 1995
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
3.9
3.7
4.7
3.5
2.5
3
3.5
4
4.3
4.1
4.5
TURN-ON DELAY TIME
vs
INPUT VOLTAGE
4.9
4.5
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 16
15
10
5
2.5
3
3.5
4
4.5
20
TURN-OFF DELAY TIME
vs
INPUT VOLTAGE
25
5
5.5
VI – Input Voltage – V
TJ = 25°C
RL = 50 Ω
CL = 1 µF
Figure 17
3.5
3
2.5
2
0
0.3
0.6
0.9
4
4.5
RISE TIME
vs
OUTPUT CURRENT
5
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF
Figure 18
3
2.8
2.4
2.2
2
3.8
2.6
0
0.3
0.6
0.9
3.4
3.2
3.6
FALL TIME
vs
OUTPUT CURRENT
4
1.2
1.5
VI = 2.7 V
VI = 5.5 V
IO – Output Current – A
TJ = 25°C
CL = 1 µF


Similar Part No. - TPS2011PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2011PWLE TI1-TPS2011PWLE Datasheet
720Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
TPS2011PWLE TI1-TPS2011PWLE Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
More results

Similar Description - TPS2011PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2012DR TI1-TPS2012DR Datasheet
720Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
List of Unclassifed Man...
3-553079-1 ETC2-3-553079-1 Datasheet
78Kb / 1P
   POWER DISTRIBUTION
logo
Texas Instruments
TPS2010 TI1-TPS2010_16 Datasheet
940Kb / 21P
[Old version datasheet]   POWER-DISTRIBUTION
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
   Quad Power Distribution Switch Quad Power Distribution Switch
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Cooper Bussmann, Inc.
CPB1601 COOPER-CPB1601 Datasheet
132Kb / 2P
   Power Distribution Blocks
logo
Intersil Corporation
ISL6115 INTERSIL-ISL6115_07 Datasheet
278Kb / 12P
   Power Distribution Controllers
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com