Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2100 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2100
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2100 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS2100 Datasheet HTML 9Page - Texas Instruments TPS2100 Datasheet HTML 10Page - Texas Instruments TPS2100 Datasheet HTML 11Page - Texas Instruments TPS2100 Datasheet HTML 12Page - Texas Instruments TPS2100 Datasheet HTML 13Page - Texas Instruments TPS2100 Datasheet HTML 14Page - Texas Instruments TPS2100 Datasheet HTML 15Page - Texas Instruments TPS2100 Datasheet HTML 16Page - Texas Instruments TPS2100 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197C – JUNE 1999 – REVISED APRIL 2000
16
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
4040047 / D 10/96
0.228 (5,80)
0.244 (6,20)
0.069 (1,75) MAX
0.010 (0,25)
0.004 (0,10)
1
14
0.014 (0,35)
0.020 (0,51)
A
0.157 (4,00)
0.150 (3,81)
7
8
0.044 (1,12)
0.016 (0,40)
Seating Plane
0.010 (0,25)
PINS **
0.008 (0,20) NOM
A MIN
A MAX
DIM
Gage Plane
0.189
(4,80)
(5,00)
0.197
8
(8,55)
(8,75)
0.337
14
0.344
(9,80)
16
0.394
(10,00)
0.386
0.004 (0,10)
M
0.010 (0,25)
0.050 (1,27)
0
°–8°
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-012


Similar Part No. - TPS2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2100 TI1-TPS2100 Datasheet
462Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100 TI1-TPS2100 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVR TI1-TPS2100DBVR Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVRG4 TI1-TPS2100DBVRG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2100DBVT TI1-TPS2100DBVT Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com