Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL008R-WCY04 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL008R-WCY04
Description  SMD LED PLCC-2 Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL008R-WCY04 Datasheet(HTML) 1 Page - P-tec Corporation

  PL008R-WCY04 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.8
0.6
2.2
0.14
2.4
3.2
0.8
3.6
1.9
Cathode
Cathode
1.2
2.7
0.2
3.6
P-tec Corp.
2405 Commerce Circle
Alamosa Co. 81101
Recommended solder pad
Features
*Bubble Lens Package 3.2 x 2.7 x 1.9 mm
*Ultra Bright AlInGaP Yellow Chip used
*High Luminous Output
*Bubble Lens for a Small Viewing Angle
*12mm Tape, 500pc Reels
*RoHS Compliant
Absolute Maximum Ratings at TA = 25°C
Power Dissipation……………………………………………………….……..… 72mW
Reverse Voltage (<100µA)…………….…………………………………..…...……. 4.0V
Max Forward Current………………………………………………………...…… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…...………………..….… 100mA
Operating Temperature Range………….……………………...…...… -25°C to + 85°C
Storage Temperature Range……………………………………..…… -40°C to + 100°C
Reflow Soldering Temperature………………………………….… 260°C for 5 seconds
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL008R Series SMD LED PLCC-2 Package
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Dominant
Wave
Length
Viewing
Angle
2
θ ½
Forward
Voltage
@20mA (V)
Luminous
Flux
@20mA (mlm)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
nm
Deg
Typ
Max
Typ
Min
Typ
PL008R-WCY04
Yellow
AlInGaP
590
587
30°
2.1
2.4
420
750
500
11-30-06 REV 0 RS
Tel:(800)688-0613
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
1.6
1.5
1.5
2.2


Similar Part No. - PL008R-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
More results

Similar Description - PL008R-WCY04

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-2 Package
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
PL008-WCA02 P-TEC-PL008-WCA02 Datasheet
31Kb / 1P
   SMD LED PLCC-2 Package Amber
PL008-WCW24 P-TEC-PL008-WCW24 Datasheet
32Kb / 1P
   White SMD LED PLCC-2 Package
PL008-WCG13 P-TEC-PL008-WCG13 Datasheet
31Kb / 1P
   SMD LED PLCC-2 Package Green
logo
Vishay Siliconix
TLMS310 VISHAY-TLMS310_04 Datasheet
163Kb / 6P
   SMD LED in PLCC-2 Package
Rev. 1.4, 31-Aug-04
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com