Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2101DBV Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2101DBV
Description  VAUX POWER-DISTRIBUTION SWITCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2101DBV Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2101DBV Datasheet HTML 6Page - Texas Instruments TPS2101DBV Datasheet HTML 7Page - Texas Instruments TPS2101DBV Datasheet HTML 8Page - Texas Instruments TPS2101DBV Datasheet HTML 9Page - Texas Instruments TPS2101DBV Datasheet HTML 10Page - Texas Instruments TPS2101DBV Datasheet HTML 11Page - Texas Instruments TPS2101DBV Datasheet HTML 12Page - Texas Instruments TPS2101DBV Datasheet HTML 13Page - Texas Instruments TPS2101DBV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TPS2100, TPS2101
VAUX POWER-DISTRIBUTION SWITCHES
SLVS197C – JUNE 1999 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IN1 Switch Rise Time
vs Output Current
12
IN2 Switch Fall Time
vs Output Current
13
IN1 Switch Fall Time
vs Output Current
14
IN2 Switch Fall Time
vs Output Current
15
Output Voltage Droop
vs Output Current When Output Is Switched From IN2 to IN1
16
Inrush Current
vs Output Capacitance
17
IN1 Supply Current
vs Junction Temperature (IN1 Enabled)
18
IN1 Supply Current
vs Junction Temperature (IN1 Disabled)
19
IN2 Supply Current
vs Junction Temperature (IN2 Enabled)
20
IN2 Supply Current
vs Junction Temperature (IN2 Disabled)
21
IN1-OUT On-State Resistance
vs Junction Temperature
22
IN2-OUT On-State Resistance
vs Junction Temperature
23
Figure 12
700
650
600
500
0.01
0.1
1
10
800
850
IN1 SWTICH RISE TIME
vs
OUTPUT CURRENT
900
100
1000
750
550
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 3.3 V
VI(IN2) = 0 V
TJ = 25°C
Figure 13
10
1
0.1
0
1
23
456
100
IN2 SWTICH RISE TIME
vs
OUTPUT CURRENT
1000
789
10
CL = 100 µF
CL = 47 µF
CL = 10 µF
CL = 1 µF
CL = 0.1 µF
IO – Output Current – mA
VI(IN1) = 0 V
VI(IN2) = 3.3 V
TJ = 25°C


Similar Part No. - TPS2101DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2101DBVR TI1-TPS2101DBVR Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2101DBVRG4 TI1-TPS2101DBVRG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2101DBVT TI1-TPS2101DBVT Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2101DBVTG4 TI1-TPS2101DBVTG4 Datasheet
496Kb / 20P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2101DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2102 TI-TPS2102 Datasheet
265Kb / 17P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104 TI-TPS2104 Datasheet
240Kb / 16P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2104DBVR TI-TPS2104DBVR Datasheet
437Kb / 19P
[Old version datasheet]   VAUX POWER-DISTRIBUTION SWITCHES
TPS2105-EP TI1-TPS2105-EP Datasheet
1Mb / 24P
[Old version datasheet]   TPS2105-EP VAUX Power-Distribution Switch
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com