Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2024P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2024P
Description  POWER-DISTRIBUTION SWITCHES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2024P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2024P Datasheet HTML 6Page - Texas Instruments TPS2024P Datasheet HTML 7Page - Texas Instruments TPS2024P Datasheet HTML 8Page - Texas Instruments TPS2024P Datasheet HTML 9Page - Texas Instruments TPS2024P Datasheet HTML 10Page - Texas Instruments TPS2024P Datasheet HTML 11Page - Texas Instruments TPS2024P Datasheet HTML 12Page - Texas Instruments TPS2024P Datasheet HTML 13Page - Texas Instruments TPS2024P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS2020, TPS2021, TPS2022, TPS2023, TPS2024
POWER-DISTRIBUTION SWITCHES
SLVS175A – DECEMBER 1998 – REVISED NOVEMBER 1999
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Figure 10. TPS2023, Ramped Load on
Enabled Device
20
40
60
80 100 120 140 160 180 200
t – Time – ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
Figure 11. TPS2024, Ramped Load on Enabled
Device
20
40
60
80 100 120 140 160 180 200
t – Time – ms
VO(OC) (5 V/div)
0
IO(OUT) (1 A/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
TA = 25°C
Figure 12. TPS2024, Inrush Current
12
3
4
5
6
7
8
9
10
t – Time – ms
0
II(IN) (500 mA/div)
VI(EN)
II(IN)
RL = 10 Ω
TA = 25°C
VI(EN) (5 V/div)
470
µF
47
µF
150
µF
Figure 13. 7.9-
Ω Load Connected to an Enabled
TPS2020 Device
200 400 600 800 1000 1200 1400 1600 1800 2000
t – Time –
µs
VO(OC) (5 V/div)
0
IO(OUT) (200 mA/div)
VO(OC)
IO(OUT)
VI(IN) = 5 V
RL = 7.9 Ω
TA = 25°C


Similar Part No. - TPS2024P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2024P TI1-TPS2024P Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2024PE4 TI1-TPS2024PE4 Datasheet
812Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2024P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com