Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2202AI Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2202AI
Description  DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2202AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2202AI Datasheet HTML 6Page - Texas Instruments TPS2202AI Datasheet HTML 7Page - Texas Instruments TPS2202AI Datasheet HTML 8Page - Texas Instruments TPS2202AI Datasheet HTML 9Page - Texas Instruments TPS2202AI Datasheet HTML 10Page - Texas Instruments TPS2202AI Datasheet HTML 11Page - Texas Instruments TPS2202AI Datasheet HTML 12Page - Texas Instruments TPS2202AI Datasheet HTML 13Page - Texas Instruments TPS2202AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS2202AI
DUAL-SLOT PC CARD POWER-INTERFACE SWITCH
WITH RESET FOR SERIAL PCMCIA CONTROLLER
SLVS123A – SEPTEMBER 1995 – REVISED JUNE 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
IDD
Supply current
vs Junction temperature
15
rDS(on)
Static drain-source on-state resistance, 3-V switch
vs Junction temperature
16
rDS(on)
Static drain-source on-state resistance, 5-V switch
vs Junction temperature
17
rDS(on)
Static drain-source on-state resistance, 12-V switch
vs Junction temperature
18
VO(xVCC)
Output voltage, 5-V switch
vs Output current
19
VO(xVCC)
Output voltage, 3.3-V switch
vs Output current
20
xVpp
Output voltage, Vpp switch
vs Output current
21
ISC(xVCC)
Short-circuit current, 5-V switch
vs Junction temperature
22
ISC(xVPP)
Short-circuit current, 12-V switch
vs Junction temperature
23
SUPPLY CURRENT
vs
JUNCTION TEMPERATURE
TJ – Junction Temperature – °C
90
85
80
75
100
0
150
95
VO(AVCC) = VO(BVCC) = 5 V
VO(AVPP) = VO(BVPP) = 12 V
No load
–50
100
50
Figure 15
† t = pulse tested


Similar Part No. - TPS2202AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2202AIDB TI1-TPS2202AIDB Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBG4 TI1-TPS2202AIDBG4 Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBLE TI1-TPS2202AIDBLE Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBR TI1-TPS2202AIDBR Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202AIDBRG4 TI1-TPS2202AIDBRG4 Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
More results

Similar Description - TPS2202AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2206IDB TI-TPS2206IDB Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2202A TI1-TPS2202A Datasheet
656Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206 TI-TPS2206 Datasheet
458Kb / 28P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206A TI1-TPS2206A Datasheet
208Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD田?POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A_16 Datasheet
973Kb / 34P
[Old version datasheet]   PC CARD POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2206ADAPR TI-TPS2206ADAPR Datasheet
1,001Kb / 37P
[Old version datasheet]   POWER-INTERFACE SWITCH WITH RESET FOR SERIAL PCMCIA CONTROLLER
TPS2204A TI1-TPS2204A Datasheet
1,001Kb / 37P
[Old version datasheet]   PC CARD??POWER-INTERFACE SWITCH WITH RESER FOR SERIAL PCMCIA CONTROLLER
TPS2216 TI-TPS2216 Datasheet
371Kb / 27P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com