Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC872G04A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC872G04A
Description  8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G04A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC872G04A Datasheet HTML 2Page - Sanyo Semicon Device LC872G04A Datasheet HTML 3Page - Sanyo Semicon Device LC872G04A Datasheet HTML 4Page - Sanyo Semicon Device LC872G04A Datasheet HTML 5Page - Sanyo Semicon Device LC872G04A Datasheet HTML 6Page - Sanyo Semicon Device LC872G04A Datasheet HTML 7Page - Sanyo Semicon Device LC872G04A Datasheet HTML 8Page - Sanyo Semicon Device LC872G04A Datasheet HTML 9Page - Sanyo Semicon Device LC872G04A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
LC872G08A/06A/04A
No.A1400-6/27
Pin Assignment
SANYO: MFP24S (300mil) “Lead-free Type”
SANYO: SSOP24 (225mil) “Lead-free Type” (Development)
MFP24S
SSOP24
NAME
MFP24S
SSOP24
NAME
1
P70/INT0/T0LCP/AN8
13
P16/T1PWML/INT2/T0IN
2
RES
14
P17/T1PWMH/BUZ/INT1/T0HCP
3
VSS1
15
P20/UTX/INT4/T1IN
4
CF1/XT1
16
P21/URX/INT4/T1IN
5
CF2/XT2
17
P00/AN0
6
VDD1
18
P01/AN1
7
P10/SO0
19
P02/AN2
8
P11/SI0/SB0
20
P03/AN3
9
P12/SCK0
21
P04/AN4
10
P13/SO1
22
P05/AN5/CKO
11
P14/SI1/SB1
23
P06/AN6/T6O
12
P15/SCK1/INT3/T0IN
24
P07/T7O
P70/INT0/T0LCP/AN8
RES
VSS1
CF1/XT1
CF2/XT2
VDD1
P10/SO0
P11/SI0/SB0
P12/SCK0
P13/SO1
P14/SI1/SB1
P15/SCK1/INT3/T0IN
LC872G08A
LC872G06A
LC872G04A
Top view
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P07/T7O
P06/AN6/T6O
P05/AN5/CKO
P04/AN4
P03/AN3
P02/AN2
P01/AN1
P00/AN0
P21/URX/INT4/T1IN
P20/UTX/INT4/T1IN
P17/T1PWMH/BUZ/INT1/T0HCP
P16/T1PWML/INT2/T0IN


Similar Part No. - LC872G04A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC872G04A SANYO-LC872G04A Datasheet
174Kb / 27P
   8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - LC872G04A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com