Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2311PW Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS2311PW
Description  DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2311PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS2311PW Datasheet HTML 6Page - Texas Instruments TPS2311PW Datasheet HTML 7Page - Texas Instruments TPS2311PW Datasheet HTML 8Page - Texas Instruments TPS2311PW Datasheet HTML 9Page - Texas Instruments TPS2311PW Datasheet HTML 10Page - Texas Instruments TPS2311PW Datasheet HTML 11Page - Texas Instruments TPS2311PW Datasheet HTML 12Page - Texas Instruments TPS2311PW Datasheet HTML 13Page - Texas Instruments TPS2311PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TPS2310, TPS2311
DUAL HOT SWAP POWER CONTROLLER WITH INTERDEPENDENT
CIRCUIT BREAKER AND POWER-GOOD REPORTING
SLVS275B – FEBRUARY 2000 – REVISED APRIL 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
t – Time – 1 ms/div
VO(GATE1)
10 V/div
VO(FAULT)
10 V/div
IO(IN1)
2 A/div
Figure 9. Channel 1 – Enabled Into Short
Circuit
No Capacitor
on Timer
t – Time – 1 ms/div
VO(GATE2)
5 V/div
VO(FAULT)
10 V/div
IO(IN2)
2 A/div
Figure 10. Channel 2 – Enabled Into Short Circuit
No Capacitor
on Timer
VI(ENABLE)
5 V/div
VI(ENABLE)
5 V/div
Figure 11. Channel 1 – Hot Plug
t – Time – 5 ms/div
VI(IN1)
10 V/div
VO(GATE1)
10 V/div
VO(OUT1)
10 V/div
IO(OUT1)
1 A/div
No Capacitor
on Timer
t – Time – 1 ms/div
VI(IN1)
10 V/div
VO(GATE1)
10 V/div
VO(OUT1)
10 V/div
IO(OUT1)
1 A/div
Figure 12. Channel 1 – Hot Removal
No Capacitor
on Timer


Similar Part No. - TPS2311PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2311 TI1-TPS2311 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311IPW TI-TPS2311IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2311IPW TI1-TPS2311IPW Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2311IPWR TI1-TPS2311IPWR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
More results

Similar Description - TPS2311PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2310 TI1-TPS2310_15 Datasheet
1Mb / 27P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INTERDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300 TI-TPS2300 Datasheet
422Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2330 TI-TPS2330 Datasheet
345Kb / 20P
[Old version datasheet]   SINGLE HOT SWAP POWER CONTROLLER WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2300IPWR TI1-TPS2300IPWR Datasheet
456Kb / 25P
[Old version datasheet]   DUAL HOT-SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2331ID TI-TPS2331ID Datasheet
951Kb / 25P
[Old version datasheet]   SINGLE HOT-SWAP POWER CONTROLLERS WITH CIRCUIT BREAKER AND POWER-GOOD REPORTING
TPS2320 TI-TPS2320 Datasheet
409Kb / 22P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLER WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IDRG4 TI-TPS2320IDRG4 Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2320IPW TI-TPS2320IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
TPS2321IPW TI-TPS2321IPW Datasheet
503Kb / 26P
[Old version datasheet]   DUAL HOT SWAP POWER CONTROLLERS WITH INDEPENDENT CIRCUIT BREAKER
logo
Analog Devices
EVAL-ADM1275EBZ AD-EVAL-ADM1275EBZ Datasheet
741Kb / 48P
   Hot-Swap Controller and Digital Power
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com