Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2836 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2836
Description  SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2836 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2836 Datasheet HTML 1Page - Texas Instruments TPS2836 Datasheet HTML 2Page - Texas Instruments TPS2836 Datasheet HTML 3Page - Texas Instruments TPS2836 Datasheet HTML 4Page - Texas Instruments TPS2836 Datasheet HTML 5Page - Texas Instruments TPS2836 Datasheet HTML 6Page - Texas Instruments TPS2836 Datasheet HTML 7Page - Texas Instruments TPS2836 Datasheet HTML 8Page - Texas Instruments TPS2836 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TPS2836, TPS2837
SYNCHRONOUS-BUCK MOSFET DRIVER
WITH DEADTIME CONTROL
SLVS224 – NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
DT
3
IN
VCC
LOWDR
BOOTLO
HIGHDR
BOOT
PGND
1
4
8
7
6
5
VCC
2
(TPS2836 Only)
(TPS2837 Only)
200 k
200 k
200 k
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
BOOT
8
I
Bootstrap terminal. A ceramic capacitor is connected between BOOT and BOOTLO to develop the floating
bootstrap voltage for the high-side MOSFET. The capacitor value is typically between 0.1
µF and 1 µF.
BOOTLO
6
O
This terminal connects to the junction of the high-side and low-side MOSFETs.
DT
3
I
Deadtime control terminal. Connect DT to the junction of the high-side and low-side MOSFETs
HIGHDR
7
O
Output drive for the high-side power MOSFET
IN
1
I
Input signal to the MOSFET drivers (noninverting input for the TPS2836; inverting input for the TPS2837).
LOWDR
5
O
Output drive for the low-side power MOSFET
PGND
2
Power ground. Connect to the FET power ground.
VCC
4
I
Input supply. Recommended that a 1
µF capacitor be connected from VCC to PGND.


Similar Part No. - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2836 TI1-TPS2836 Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2836D TI1-TPS2836D Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836DG4 TI1-TPS2836DG4 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
More results

Similar Description - TPS2836

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2848 TI1-TPS2848_15 Datasheet
657Kb / 28P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
IXYS Corporation
IXS839 IXYS-IXS839 Datasheet
318Kb / 11P
   Synchronous Buck MOSFET Driver
logo
ON Semiconductor
NCP81158 ONSEMI-NCP81158 Datasheet
83Kb / 8P
   Synchronous Buck MOSFET Driver
August, 2016 ??Rev. 0
NCP81258 ONSEMI-NCP81258 Datasheet
89Kb / 9P
   Synchronous Buck MOSFET Driver
June, 2017 ??Rev. P0
NCP81158D ONSEMI-NCP81158D Datasheet
81Kb / 8P
   Synchronous Buck MOSFET Driver
April, 2017 ??Rev. 1
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com