Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK415-120-E Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # STK415-120-E
Description  2-Channel Power Switching Audio Power IC, 80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK415-120-E Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button STK415-120-E Datasheet HTML 4Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 5Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 6Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 7Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 8Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 9Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 10Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 11Page - Sanyo Semicon Device STK415-120-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
STK415-120-E
No. A1502-9/12
[Thermal Design Example for STK415-120-E (RL = 8Ω)]
The thermal resistance,
θc-a, of the heat sink for total power dissipation, Pd, within the hybrid IC is determined as
follows.
Condition 1: The hybrid IC substrate temperature, Tc, must not exceed 125
°C.
Pd
× θc-a + Ta < 125°C ................................................................................................. (1)
Ta: Guaranteed ambient temperature for the end product
Condition 2: The junction temperature, Tj, of each power transistor must not exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C .......................................................................... (2)
N: Number of power transistors
θj-c: Thermal resistance per power transistor
However, the power dissipation, Pd, for the power transistors shall be allocated equally among the number of power
transistors.
The following inequalities result from solving equations (1) and (2) for
θc-a.
θc-a < (125 − Ta)/Pd ...................................................................................................... (1)'
θc-a < (150 − Ta)/Pd − θj-c/N ........................................................................................ (2)'
Values that satisfy these two inequalities at the same time represent the required heat sink thermal resistance.
When the following specifications have been stipulated, the required heat sink thermal resistance can be determined
from formulas (1)' and (2)'.
• Supply voltage
VH, VL
• Load resistance
RL
• Guaranteed ambient temperature
Ta
[Example]
When the IC supply voltage, VH=±46V, VL=±32V and RL is 8Ω, the total power dissipation, Pd, within the hybrid
IC, will be a maximum of 77W at 1kHz for a continuous sine wave signal according to the Pd-PO characteristics.
For the music signals normally handled by audio amplifiers, a value of 1/8PO max is generally used for Pd as an
estimate of the power dissipation based on the type of continuous signal. (Note that the factor used may differ
depending on the safety standard used.)
This is:
Pd
≈ 46.0W
(when 1/8PO max. = 10W, PO max. = 80W).
The number of power transistors in audio amplifier block of these hybrid ICs, N, is 4, and the thermal resistance per
transistor,
θj-c, is 1.6°C/W. Therefore, the required heat sink thermal resistance for a guaranteed ambient temperature,
Ta, of 50
°C will be as follows.
From formula (1)'
θc-a < (125 − 50)/46.0
< 1.63
From formula (2)'
θc-a < (150 − 50)/46.0 − 1.6/4
< 1.77
Therefore, the value of 1.63
°C/W, which satisfies both of these formulae, is the required thermal resistance of the heat
sink.
Note that this thermal design example assumes the use of a constant-voltage power supply, and is therefore not a
verified design for any particular user’s end product.


Similar Part No. - STK415-120-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-100-E SANYO-STK415-100-E Datasheet
187Kb / 12P
   2-Channel Power Switching Audio Power IC, 60W60W
STK415-130-E SANYO-STK415-130-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 100W100W
STK415-140-E SANYO-STK415-140-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 120W120W
More results

Similar Description - STK415-120-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
Sanyo Semicon Device
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
logo
Mean Well Enterprises C...
HLN-80H MEANWELL-HLN-80H_12 Datasheet
267Kb / 5P
   80W Single Output Switching Power Supply
HLP-80H MEANWELL-HLP-80H Datasheet
363Kb / 4P
   80W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com