Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2831PWP Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2831PWP
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2831PWP Datasheet(HTML) 4 Page - Texas Instruments

  TPS2831PWP Datasheet HTML 1Page - Texas Instruments TPS2831PWP Datasheet HTML 2Page - Texas Instruments TPS2831PWP Datasheet HTML 3Page - Texas Instruments TPS2831PWP Datasheet HTML 4Page - Texas Instruments TPS2831PWP Datasheet HTML 5Page - Texas Instruments TPS2831PWP Datasheet HTML 6Page - Texas Instruments TPS2831PWP Datasheet HTML 7Page - Texas Instruments TPS2831PWP Datasheet HTML 8Page - Texas Instruments TPS2831PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196B – JANUARY1999 – REVISED SEPTEMBER 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
–0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range: BOOT to PGND (high-side driver ON)
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOTLO to PGND
–0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
BOOT to BOOTLO
–0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ENABLE, SYNC, and CROWBAR (see Note 2)
–0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . .
IN (see Note 2)
–0.3 V to 16 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DT (see Note 2)
–0.3 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Unless otherwise specified, all voltages are with respect to PGND.
2. High-level input voltages on the ENABLE, SYNC, CROWBAR, IN, and DT terminals must be greater than or equal to VCC.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
D
760 mW
7.6 mW/
°C
420 mW
305 mW
PWP
2400 mW
25 mW/
°C
1275 mW
900 mW
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
15
V
Input voltage
BOOT to PGND
4.5
28
V
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage range
4.5
15
V
VENABLE = LOW,
VCC =15 V
100
µA
VENABLE = HIGH,
VCC =15 V
0.1
VCC
Quiescent current
VENABLE = HIGH,
fSWX = 200 kHz,
CHIGHDR = 50 pF,
See Note 3
VCC =12 V,
BOOTLO grounded,
CLOWDR = 50 pF,
3
mA
NOTE 3: Ensured by design, not production tested.


Similar Part No. - TPS2831PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2831PWPR TI-TPS2831PWPR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2831PWPRG4 TI-TPS2831PWPRG4 Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
More results

Similar Description - TPS2831PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2834 TI-TPS2834 Datasheet
200Kb / 15P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
TPS2832 TI-TPS2832 Datasheet
179Kb / 14P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2836 TI-TPS2836 Datasheet
181Kb / 14P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEADTIME CONTROL
TPS2832 TI1-TPS2832_16 Datasheet
739Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830 TI1-TPS2830_15 Datasheet
1Mb / 24P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2832 TI1-TPS2832_15 Datasheet
725Kb / 17P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2830DR TI-TPS2830DR Datasheet
769Kb / 22P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
TPS2834PWPR TI1-TPS2834PWPR Datasheet
988Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834 TI1-TPS2834_15 Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com