Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3510D Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3510D
Description  PC POWER SUPPLY SUPERVISORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3510D Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3510D Datasheet HTML 5Page - Texas Instruments TPS3510D Datasheet HTML 6Page - Texas Instruments TPS3510D Datasheet HTML 7Page - Texas Instruments TPS3510D Datasheet HTML 8Page - Texas Instruments TPS3510D Datasheet HTML 9Page - Texas Instruments TPS3510D Datasheet HTML 10Page - Texas Instruments TPS3510D Datasheet HTML 11Page - Texas Instruments TPS3510D Datasheet HTML 12Page - Texas Instruments TPS3510D Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TPS3510,TPS3511
PC POWER SUPPLY SUPERVISORS
SLVS312A – JULY 2000 – REVISED DECEMBER 2002
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
400
200
–100
–300
0
2.5
5
7.5
15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
300
100
0
–200
10
12.5
VDD – Supply Voltage – V
PGI = 1.4 V
PSON = 5 V
TA = –40°C
TA = 85°C
TA = 25°C
TA = 0°C
Figure 3
–60
–100
0
1
23
67
–20
INPUT CURRENT (PSON)
vs
INPUT VOLTAGE (PSON)
20
0
–40
–80
–120
–140
45
VI – Input Voltage – V
TA = –40°C
TA = 0°C
TA = 25°C
TA = 85°C
VDD = 4 V
Figure 4
VDD = 4 V
PSON = GND
2
1
0
0
20
40
60
80
120
3
4
LOW-LEVEL OUTPUT VOLTAGE (FPO)
vs
LOW-LEVEL OUTPUT CURRENT (FPO)
100
IOL – Low-Level Output Current – mA
TA = –40°C
TA = 85°C
TA = 25°C
TA = 0°C
Figure 5
400
200
0
0
5
10
15
20
600
800
LOW-LEVEL OUTPUT VOLTAGE (FPO)
vs
LOW-LEVEL OUTPUT CURRENT (FPO)
25
IOL – Low-Level Output Current – mA
TA = –40°C
TA = 85°C
TA = 25°C
VDD = 4 V
PSON = GND
Exploded View
TA = 0°C
300
100
500
700


Similar Part No. - TPS3510D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3510D TI1-TPS3510D Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DG4 TI1-TPS3510DG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DR TI1-TPS3510DR Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
TPS3510DRG4 TI1-TPS3510DRG4 Datasheet
529Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results

Similar Description - TPS3510D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG6510X1 FAIRCHILD-SG6510X1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
List of Unclassifed Man...
SG6513 ETC-SG6513 Datasheet
227Kb / 11P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6520A FAIRCHILD-SG6520A Datasheet
1,000Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3515 UTC-S3515 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
3510 UTC-3510_15 Datasheet
328Kb / 8P
   PC POWER SUPPLY SUPERVISORS
S3515 UTC-S3515_15 Datasheet
202Kb / 8P
   PC POWER SUPPLY SUPERVISORS
logo
Fairchild Semiconductor
SG6516 FAIRCHILD-SG6516 Datasheet
504Kb / 12P
   PC Power Supply Supervisors
logo
Unisonic Technologies
S3525 UTC-S3525 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISORS
logo
Texas Instruments
TPS3510DR TI-TPS3510DR Datasheet
520Kb / 18P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
LP7510 TI-LP7510 Datasheet
2Mb / 12P
[Old version datasheet]   PC POWER SUPPLY SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com