Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3305-33D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3305-33D
Description  DUAL PROCESSOR SUPERVISORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3305-33D Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3305-33D Datasheet HTML 3Page - Texas Instruments TPS3305-33D Datasheet HTML 4Page - Texas Instruments TPS3305-33D Datasheet HTML 5Page - Texas Instruments TPS3305-33D Datasheet HTML 6Page - Texas Instruments TPS3305-33D Datasheet HTML 7Page - Texas Instruments TPS3305-33D Datasheet HTML 8Page - Texas Instruments TPS3305-33D Datasheet HTML 9Page - Texas Instruments TPS3305-33D Datasheet HTML 10Page - Texas Instruments TPS3305-33D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPS3305-18, TPS3305-25, TPS3305-33
DUAL PROCESSOR SUPERVISORS
SLVS198 – DECEMBER 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7 V to 6 V, IOH = –20 µA
VDD– 0.2V
VOH
High-level output voltage
VDD = 3.3 V,
IOH = –2 mA
VDD– 0.4V
V
VDD = 6 V,
IOH = –3 mA
VDD– 0.4V
VDD = 2.7 V to 6 V, IOL = 20 µA
0.2
VOL
Low-level output voltage
VDD = 3.3 V,
IOL = 2 mA
0.4
V
VDD = 6 V,
IOL = 3 mA
0.4
Power-up reset voltage (see Note 2)
VDD ≥ 1.1 V,
IOL = 20 µA
0.4
V
1.64
1.68
1.72
VSENSE1,
VDD = 2.7 V to 6 V,
2.20
2.25
2.30
V
VSENSE2
DD
TA = 0°C to 85°C
2.86
2.93
3
V
VIT
Negative-going input threshold voltage
4.46
4.55
4.64
VIT–
gg
g
g
(see Note 3)
1.64
1.68
1.73
VSENSE1,
VDD = 2.7 V to 6 V,
2.20
2.25
2.32
V
VSENSE2
DD
TA =–40°C to 85°C
2.86
2.93
3.02
V
4.46
4.55
4.67
VIT– = 1.68 V
15
Vh
Hysteresis at VSENSEn input
VIT– = 2.25 V
20
mV
Vhys
Hysteresis at VSENSEn input
VIT– = 2.93 V
30
mV
VIT– = 4.55 V
40
IH(AV) Average high-level input current
WDI
WDI = VDD = 6 V
Time average (dc = 88%)
100
150
µA
IL(AV)
Average low-level input current
WDI
WDI = 0 V,
VDD = 6 V,
Time average (dc = 12%)
–15
–20
µA
WDI
WDI = VDD = 6 V,
120
170
IH
High level input current
MR
MR = 0.7
× VDD,VDD = 6 V
–130
–180
µA
IH
High-level input current
SENSE1
VSENSE1 = VDD = 6 V
5
8
µA
SENSE2
VSENSE2 = VDD = 6 V
6
9
WDI
WDI = 0 V,
VDD, = 6 V
–120
–170
IL
Low-level input current
MR
MR = 0V,
VDD = 6 V
–430
–600
µA
SENSEn
VSENSE1,2 = 0 V
–1
1
IDD
Supply current
40
µA
Ci
Input capacitance
VI = 0 V to VDD
10
pF
NOTES:
2. The lowest supply voltage at which RESET becomes active. tr, VDD ≥ 15 µs/V.
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic 0.1
µF) should be placed close to the supply terminals.


Similar Part No. - TPS3305-33D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-33D TI1-TPS3305-33D Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-33DG4 TI1-TPS3305-33DG4 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-33DGN TI1-TPS3305-33DGN Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-33DGNG4 TI1-TPS3305-33DGNG4 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-33DGNR TI1-TPS3305-33DGNR Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
More results

Similar Description - TPS3305-33D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13305 AD-ADM13305 Datasheet
312Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com