Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5100PW Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS5100PW
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5100PW Datasheet(HTML) 4 Page - Texas Instruments

  TPS5100PW Datasheet HTML 1Page - Texas Instruments TPS5100PW Datasheet HTML 2Page - Texas Instruments TPS5100PW Datasheet HTML 3Page - Texas Instruments TPS5100PW Datasheet HTML 4Page - Texas Instruments TPS5100PW Datasheet HTML 5Page - Texas Instruments TPS5100PW Datasheet HTML 6Page - Texas Instruments TPS5100PW Datasheet HTML 7Page - Texas Instruments TPS5100PW Datasheet HTML 8Page - Texas Instruments TPS5100PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 3.3 V
(unless otherwise noted) (see Note 1) (continued)
error amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
CH1, 3,
Av = 1
15
mV
IIB
Input bias current
CH1, 3,
VI = –.95 V to 1.55 V
±10
±20
nA
IIB
Input bias current
CH2,
VI = 0.4 V to 1 V
±10
±20
nA
VIR
Input voltage range
CH1, 3,
0.95
1.55
V
VIR
Input voltage range
CH2
0.4
1
V
AVD
Open-loop voltage amplification
RFB = 200 kΩ
60
dB
B1
Unity-gain bandwidth
1
MHz
VOM+
Output voltage swing
VID =0 1V
IO = 60 µA
1.2
V
VOM–
Output voltage swing
VID = 0.1 V
IO = 0.2 mA
0.2
V
IOM+
Output sink current
VID = 0.1 V,
VO = 0.2 V
0.2
1
mA
IOM–
Output source current
VID = 0.1 V,
VO = 1.2 V
–60
–100
µA
VT4
Input bias voltage
CH2,
AV = 1,
TA = 25°C
678
700
722
mV
VT4
Input bias voltage
CH2,
AV = 1
665
700
735
mV
NOTE 1: Typical values of all parameters except for VREF(dev) and fdT are specified at TA = 25°C.
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IO = 20 mA (CH2)
2.9
3.05
V
VOH
High-level output voltage
IO = –40 mA (CH1, 3)
1.9
2.2
2.6
V
VOL
Low level output voltage
IO = 20 mA (CH1, 3)
0.2
0.4
V
VOL
Low-level output voltage
IO = 40 mA (CH2)
0.2
0.3
0.6
V
tr
Rise time
CL = 1000 pF
130
ns
tf
Fall time
IO = 1000 pF
50
ns
NOTE 1: Typical values of all parameters except for VREF(dev) and fdT are specified at TA = 25°C.
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
Output OFF state
2.5
4
mA
ICCA
Average supply current
FOSC = 500 kHz, Duty = 50%, No load
3.5
5
mA
NOTE 1: Typical values of all parameters except for VREF(dev) and fdT are specified at TA = 25°C.


Similar Part No. - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPW TI1-TPS5100IPW Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results

Similar Description - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
   PWM CONVERTER CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com