Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5100PW Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS5100PW
Description  TRIPLE-CHANNEL PWM CONTROL CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5100PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5100PW Datasheet HTML 3Page - Texas Instruments TPS5100PW Datasheet HTML 4Page - Texas Instruments TPS5100PW Datasheet HTML 5Page - Texas Instruments TPS5100PW Datasheet HTML 6Page - Texas Instruments TPS5100PW Datasheet HTML 7Page - Texas Instruments TPS5100PW Datasheet HTML 8Page - Texas Instruments TPS5100PW Datasheet HTML 9Page - Texas Instruments TPS5100PW Datasheet HTML 10Page - Texas Instruments TPS5100PW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TPS5100
TRIPLE-CHANNEL PWM CONTROL CIRCUITS
SLVS169 – JANUARY 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040064 / E 08/96
14 PIN SHOWN
Seating Plane
1,20 MAX
1
A
7
14
0,19
4,50
4,30
8
6,20
6,60
0,30
0,75
0,50
0,25
Gage Plane
0,15 NOM
0,65
M
0,10
0
°–8°
0,10
PINS **
A MIN
A MAX
DIM
2,90
3,10
8
4,90
5,10
14
6,60
6,40
4,90
5,10
16
7,70
20
7,90
24
9,60
9,80
28
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPW TI1-TPS5100IPW Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
More results

Similar Description - TPS5100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5100IPWR TI1-TPS5100IPWR Datasheet
780Kb / 15P
[Old version datasheet]   TRIPLE-CHANNEL PWM CONTROL CIRCUITS
logo
Advanced Analogic Techn...
AAT1100 ANALOGICTECH-AAT1100 Datasheet
473Kb / 15P
   TRIPLE-CHANNEL PWM CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM3136 HMSEMI-HM3136 Datasheet
820Kb / 7P
   PWM CONVERTER CONTROL CIRCUITS
logo
E-Tech Electronics LTD
UC3842A-3843A ETL-UC3842A-3843A Datasheet
308Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Wuxi Youda electronics ...
YD3842 YOUDA-YD3842 Datasheet
84Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
List of Unclassifed Man...
UTC3843D ETC-UTC3843D Datasheet
80Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
2006.07.11
logo
Wuxi Youda electronics ...
YD3843 YOUDA-YD3843 Datasheet
85Kb / 4P
   CURRENT MODE PWM CONTROL CIRCUITS
logo
Unisonic Technologies
UC3842A UTC-UC3842A_17 Datasheet
286Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UC3842A UTC-UC3842A_11 Datasheet
270Kb / 9P
   CURRENT MODE PWM CONTROL CIRCUITS
UTCUC3842A UTC-UTCUC3842A Datasheet
114Kb / 7P
   CURRENT MODE PWM CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com