Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD166 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BD166
Description  Plastic Medium Power Silicon PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD166 Datasheet(HTML) 2 Page - Motorola, Inc

  BD166 Datasheet HTML 1Page - Motorola, Inc BD166 Datasheet HTML 2Page - Motorola, Inc BD166 Datasheet HTML 3Page - Motorola, Inc BD166 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD166
2
Motorola Bipolar Power Transistor Device Data
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
Figure 1. PD – TC Derating Curve
TC, CASE TEMPERATURE (°C)
10
Figure 2. Safe Operating Area (see Note 1)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
5.0
3.0
2.0
1.0
0.5
0.1
5.0
7.0
10
20
30
100
50
0.3
0.2
PULSE CURVES APPLY BELOW
RATED VCEO
TJ = 150°C
dc
5.0 ms
100
µs
70
SECOND BREAKDOWN
LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
1.0 ms
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
1.2
0
1
1
0.8
0.6
0.4
0.2
5
10
50
100
500
1000
IC = 0.1 A
0.25 A
1 A
0.5 A
10
0.01
Figure 4. Current Gain
IC, COLLECTOR CURRENT (A)
0.1
0.05
0.1
0.5
1
1
TJ = + 150°C
+ 25
°C
– 25
°C
VCE = 2 V
Figure 5. “On” Voltage
IC, COLLECTOR CURRENT (mA)
1
0.5
0.1
0.05
0.01
10
50
100
500
1000
VBE at VCE = 2 V
VBE(sat) at IC/IB = 10
TJ = 25°C
VCE(sat) at IC/IB = 10
Note 1:
There are two limitations on the power handling ability of a
transistor; average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 2 is based on TJ(pk) = 150_C; TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.


Similar Part No. - BD166

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BD166 CDIL-BD166 Datasheet
78Kb / 3P
   PLASTIC POWER TRANSISTORS
More results

Similar Description - BD166

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
BD436 ONSEMI-BD436 Datasheet
64Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2005 ??Rev. 14
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
   Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
logo
New Jersey Semi-Conduct...
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
   Plastic Medium Power PNP Silicon Transistor
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD436G ONSEMI-BD436G Datasheet
84Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2013 ??Rev. 16
logo
Motorola, Inc
BD186 MOTOROLA-BD186 Datasheet
103Kb / 2P
   PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com