Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3554 Datasheet(PDF) 4 Page - ASM GmbH

Part # 3554
Description  BATTERY HiTESTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3554 Datasheet(HTML) 4 Page - ASM GmbH

  3554 Datasheet HTML 1Page - ASM GmbH 3554 Datasheet HTML 2Page - ASM GmbH 3554 Datasheet HTML 3Page - ASM GmbH 3554 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
To Our Valued Customers:
The thresholds for determining the pass/fail condition of a battery depends
on the specifications and standards of the battery manufacturer, battery
type, capacity, etc. It is important and necessary to always conduct
battery testing against the internal resistance and terminal voltage of a
new or reference battery. In some cases, it may be difficult to determine
the deterioration state of sealed lead acid batteries which demonstrates
smaller changes in internal resistance than traditional open type (liquid)
lead-acid or alkaline batteries.
Clip-type Lead with Temperature Sensor 9460
Pin-type Lead 9772
Remote Control Switch 9466
Large Clip Type Lead 9467
(no CE mark)
Tip Pin 9465-90
(to replace the tip on Model 9465-10)
Tip Pin 9772-90
(to replace the tip on Model 9772)
Options
Pin-type Lead 9465-10
Zero Adjustment Board 9454
Bundled with the standard 3554
Basic Specifications
Measurement items
: Resistance (AC four-terminal method), voltage,
temperature (platinum temperature sensor, only when
using 9460 leads)
Display
LCD All Segments
Displayed
: LCD
Sampling rate
: Once per second
Averaging Function
: OFF, 4, 8, or 16 times
Input overflow
: [OF] is displayed
Constant current fault
detection
: [----] is displayed
Open-circuit terminal
voltage
: 5 VMax
Auto power off
: Auto power off after 10 minutes unless during data
transmission
Comparator Settings
: First and second resistance limits, and lower voltage limit
Number of Comparator
Settings
: 200 Sets
Comparator Output
: LCD display of PASS, WARNING, or FAIL. Select
beeper to sound on PASS/WARNING or FAIL.
Operating temperature
and humidity
: 0 to 40°C (32°F to 104°F), 80% rh or less (no
condensation)
Absolute maximum
input voltage
: 60V DC, No AC input allowed
Withstand voltage
: Between input terminals and output terminals ( including
EXT. HOLD/MEMO, and USB terminals): 1.5 kV AC rms
for 15 seconds
Maximum rated power
consumption
: 2 VA
Continuous operating
time
: Approx. 10 hours (When using alkaline batteries; may
vary depending on conditions of use)
Power supply
:
AA (LR6) Alkaline Batteries x 8
Dimensions
and mass
: Approx.192W x 121H x 55D mm, 790 g (including batteries)
Accessories
: PIN TYPE LEAD 9465-10 x 1, USB cable x 1, Application
Software CD x 1, Strap x 1, Carrying case x 1, Zero adjustment
board x 1, LR6 alkaline batteries x 8, Fuse x 1
Functions
HOLD
: (1) Pressing the HOLD key
(2) Inputting signals to the EXT.HOLD/MEMO terminal
(3) Stabilizing measured values (when the auto-hold feature is on)
Data Storage
: While the measured values are being held, pressing MEMO key
will save them to internal memory.
When the auto-memory feature is on, measured values will be
saved to the instrument's internal memory when held.
Saved items: Date, time, resistance value, voltage value,
temperature, c omparator set ting values, and c omparator
judgement. Maximum storable data: 4800 sets.
Memory structure: 400 data sets per unit (12 units)
Reading data
: Read stored data on instrument or with PC application
PC Interface
: USB
PC Software
Application
: Windows compatible, using USB interface
PC to 3554: transfer comparator tables edited on Excel, delete
data from 3554, initialize the 3554, make clock settings.
3554 to PC: transfer data stored in memory (save files on PC in
CSV format)
Measurement Accuracy (Guaranteed Accuracy Period: 1 Year)
Guaranteed Accuracy
Conditions
: 23°C± 5°C (73°F± 9°F), non-condensating, after zero-
adjustment, warm-up time not required
Resistance Measurement
Temperature coefficient
: ±0.01 %rdg.±0.8 dgt./°C
Measurement current frequency : 1 kHz±30 Hz
Measurement current reliability : ±10 %
Range
Max. display Resolution Measurement Current
Accuracy
3 m
Ω
3.100 m
Ω
Ω
150 mA
±1.0 %rdg.±8 dgt.
30 m
Ω
31.00m
Ω
10µ
Ω
150 mA
±0.8 %rdg.±6 dgt.
300 m
Ω
310.0 m
Ω
100µ
Ω
15 mA
3
Ω
3.100
Ω
1 m
Ω
1.5 mA
Voltage Measurement
Temperature coefficient : ±0.005 %rdg.±0.5 dgt./°C
Range
Max. display
Resolution
Accuracy
6 V
±6.000 V
1 mV
±0.08 %rdg.±6 dgt.
60 V
±60.00 V
10 mV
Temperature Measurement
Measurement Range
Resolution
Accuracy
10°C to 60°C
0.1°C
±1.0°C
Specifications
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of May. 31, 2007. All specifications are subject to change without notice.
3554E4-75E-03P
Printed in Japan
HIOKI (Shanghai) Sales & Trading Co., Ltd. :
1904 Shanghai Times Square Office, 93 Huai Hai Zhong
Road, Shanghai, P.R.China POSTCODE: 200021
TEL +86-21-6391-0090/0092 FAX +86-21-6391-0360
E-mail: info-sh@hioki.cn
Guangzhou Rep. Office :
Room 303, Profit Plaza,No.76, West Huangpu Road,
Guangzhou, P.R.China POSTCODE: 510623
TEL +86-20-38392673/2676 FAX +86-20-38392679
E-mail: info-gz@hioki.cn
Beijing Rep. Office :
A-2602 Freetown, 58 Dong San Huan Nan Road, Beijing,
P.R.China POSTCODE: 100022
TEL +86-10-5867-4080/4081 FAX +86-10-5867-4090
E-mail: info-bj@hioki.cn
The standard 3554
Package comes bundled
with one Pin type Lead
9465-10, one USB Cable,
data management PC
software, tough carrying
case, zero-adjustment
board, eight AA batteries,
and one spare fuse.


Similar Part No. - 3554

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3554 ETC1-3554 Datasheet
48Kb / 1P
   4700
logo
Lumberg
3554 LUMBERG-3554 Datasheet
91Kb / 2P
   RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3554 LUMBERG-3554 Datasheet
435Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
List of Unclassifed Man...
3554 ETC-3554 Datasheet
77Kb / 1P
   Heyco짰 Threaded Vent Plugs
logo
Heyco.
3554 HEYCO-3554 Datasheet
88Kb / 1P
   Threaded Vent Plugs
More results

Similar Description - 3554

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3550 ASM-SENSOR-3550 Datasheet
586Kb / 8P
   BATTERY HiTESTER
3561 ASM-SENSOR-3561 Datasheet
2Mb / 4P
   BATTERY HiTESTER
3193 ASM-SENSOR-3193 Datasheet
2Mb / 8P
   POWER HiTESTER
3535 ASM-SENSOR-3535 Datasheet
1Mb / 8P
   LCR HiTESTER
3541 ASM-SENSOR-3541 Datasheet
591Kb / 8P
   RESISTANCE HiTESTER
3280-10 ASM-SENSOR-3280-10 Datasheet
1Mb / 2P
   CLAMP ON HiTESTER
3291 ASM-SENSOR-3291 Datasheet
1Mb / 4P
   CLAMP ON HiTESTER
3246 ASM-SENSOR-3246 Datasheet
322Kb / 2P
   PENCIL HiTESTER
3258 ASM-SENSOR-3258 Datasheet
3Mb / 4P
   SAFETY HiTESTER
3331 ASM-SENSOR-3331 Datasheet
3Mb / 8P
   POWER HiTESTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com