Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-6002 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-6002
Description  10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-6002 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-6002 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-6002 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-6002 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-6xxx 11/00
10/100 Base-TX SINGLE PORT
MAGNETIC MODULES
With Various Tx Turns Ratio
Ê
Meets all IEEE 802.3 and ANSI X3.263 standard including 350 uH OCL with 8 mADC Bias
Ë
Designed for use with transceivers from AMD, Kendin Semiconductor, & Quality Semiconductor
Turn Ratio
PART
NUMBER
PM-6001
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
S
A
1500
PM-6002
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
T
A
1500
PM-6003
1:1
1:1.41
-2.0
-16
-12
-11
-45
-38 -34
S
B
1500
PM-6004
1:1
1:1.41
-2.0
-16
-12
-11
-45
-38 -34
T
B
1500
PM-6005
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
S
C
1500
PM-6006
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
T
C
1500
PM-6007
1:1
1.25:1
-1.0
-16
-12
-10
-45
-38 -34
S
A
1500
PM-6008
1:1
1.25:1
-1.0
-16
-12
-10
-45
-38 -34
T
A
1500
PM-6009
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
S
D
1500
PM-6010
1:1
1.41:1
-1.0
-16
-12
-10
-45
-38 -34
T
D
1500
PM-6011
1:1
1:1.41
-2.0
-16
-12
-11
-45
-38 -34
S
C
1500
PM-6012
1:1
1:1.41
-2.0
-16
-12
-11
-45
-38 -34
T
C
1500
HI-POT
(Vrms Min)
30
60
80
MHz
MHz
MHz
Crosstalk
(dB Min)
30
60
100
MHz
MHz
MHz
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
Return Loss
(dB Min)
INSERTION
LOSS
(dB Max)
1 to 100MHz
RX
TX
Package/
Schematic


Similar Part No. - PM-6002

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-6101 PMI-PM-6101 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
PM-6102 PMI-PM-6102 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
PM-6103 PMI-PM-6103 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
PM-6104 PMI-PM-6104 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
PM-6105 PMI-PM-6105 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
More results

Similar Description - PM-6002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
logo
Premier Magnetics, Inc.
PM-6201 PMI-PM-6201 Datasheet
187Kb / 6P
   10/100 PC CARD LAN MAGMAGNETICS SOLUTION With Various Tx Turns Ratio
logo
Pulse A Technitrol Comp...
100B-1027FX PULSE-100B-1027FX Datasheet
495Kb / 1P
   10/100 BASE-TX SINGLE-PORT TRANSFORMER MODULES
100B-4016 PULSE-100B-4016 Datasheet
467Kb / 1P
   10/100 BASE-TX SINGLE-PORT TRANSFORMER MODULES
logo
Premier Magnetics, Inc.
PM-6101 PMI-PM-6101 Datasheet
47Kb / 1P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES Smallest SOIC Transformer
logo
Pulse A Technitrol Comp...
100B-1022 PULSE-100B-1022 Datasheet
119Kb / 1P
   10/100 BASE-TX SINGLE-PORT TRANSFORMER MODULES
X-1644F PULSE-X-1644F Datasheet
580Kb / 1P
   10/100 BASE ??TX SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
12PS041NX BOTHHAND-12PS041NX Datasheet
54Kb / 1P
   SINGLE PORT MODULE 10/100 BASE-TX LAN MAGNETIC
logo
Datatronic Distribution...
NT805-401 DATATRONICS-NT805-401 Datasheet
238Kb / 5P
   Single Port SMD 10/100 Base-TX High Speed LAN Magnetic Modules
logo
Bothhand USA, LP.
12PS1142 BOTHHAND-12PS1142 Datasheet
241Kb / 1P
   SINGLE 10/100 BASE-TX LAN MAGNETIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com