Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-6211 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-6211
Description  10/100 PC CARD LAN MAGMAGNETICS SOLUTION With Various Tx Turns Ratio
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-6211 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-6211 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-6211 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-6211 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-6211 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-6211 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-6211 Datasheet HTML 6Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-62xx
10/100 PC CARD LAN
MAGMAGNETICS SOLUTION
With Various Tx Turns Ratio
Ê
Half port and single port designs for maximum layout flexlibility
Ë
Low profile package for PC Card and Cardbus application
Ì
Compatible with TDK, QSI, and ICS transceivers
Í
Hi-pot: 1500Vrms
Turn Ratio
PART
NUMBER
30
50
80
30
62
100
MHz
MHz
MHz
MHz
MHz
MHz
Crosstalk
(dB Min)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
0OC TO +70OC
Return Loss
(dB Min)
Insertion
Loss
(dB Max)
100K to
100MHz
TX
RX
Package/
Schematic
Differential to CMR
(dB Min)
PM-6201 1:1:1ct
2ct:1ct
350
-1.0 -20
-17
-10
-38
-38
-10
-38
-38
-35
1 / E
PM-6202 1ct:1ct
1ct:1ct
350
-1.0 -18
-15
-12
-30
-30
-30
-40
-40
-30
3 / F
PM-6203 1.41ct:1ct 1ct:1ct
350
-1.0 -18
-12
-10
-30
-30
-30
-40
-40
-35
1 / G
PM-6204 1.41ct:1ct 1ct:1ct
350
-1.1 -18
-13
-11
-30
-30
-30
-40
-40
-35
2 / F
PM-6205 1.41ct:1ct 1ct:1ct
350
-2.0 -18
-12
-10
-30
-30
-20
-40
-40
-35
1 / A
PM-6206 1.41ct:1ct 1ct:1ct
350
-2.0 -18
-12
-10
-30
-30
-20
-40
-40
-35
2 / A
PM-6207 1ct:1ct
1ct:1ct
350
-1.3 -18
-13
-11
-40
-35
-30
-40
-40
-35
1 / A
PM-6208 1ct:1ct
1ct:1ct
350
-1.3 -18
-13
-11
-40
-35
-30
-40
-40
-35
2 / A
PM-6209 1ct:1ct
1ct:1ct
350
-1.0 -20
-17
-10
-38
-38
-10
-38
-38
-35
1 / B
PM-6211
1ct:1ct
350
-1.1 -17
-12
-10
-30
-30
-30
----
----
----
3 / C
PM-6213
1.25ct:1ct
350
-1.1 -17
-12
-10
-30
-30
-30
----
----
----
3 / C
PM-6215 1ct:1ct
1ct:1ct
350
-1.3 -16
-12
-11
-15
-18
-20
-40
-40
-35
4 / D
PM-6217 1.25ct:1ct 1ct:1ct
350
-1.1 -17
-12
-10
-30
-30
-20
-40
-35
-30
4 / D
PM-6218 1.25ct:1ct 1ct:1ct
350
-1.1 -17
-12
-10
-30
-30
-20
-40
-35
-30
2 / B
PM-6219 1ct:1ct
1ct:1ct
350
-1.0 -18
-12
-11
-30
-30
-20
-40
-40
-35
4 / D
PM-6220 1ct:1ct
1ct:1ct
350
-1.0 -18
-12
-11
-30
-30
-20
-40
-40
-35
2 / B
PM-6221 1ct:1ct
1ct:1ct
350
-1.0 -18
-12
-10
-45
-35
-10
-35
-35
-35
1 / H
PM-6222 1ct:1ct
1ct:1ct
350
-1.5 -18
-11
-10
-40
-40
-40
-40
-35
-35
5 / I
PM-6223 1ct:1ct
1ct:1ct
350
-1.0 -18
-13
-11
-45
-35
-30
-40
-40
-35
1 / J
PM-6225 1ct:1ct
1ct:1ct
350
-1.0 -18
-13
-11
-45
-35
-30
-40
-40
-35
1 / K
PM-6227 1ct:1ct
1ct:1ct
350
-1.0 -18
-13
-11
-45
-35
-30
-40
-40
-35
1 / L
PM-6260 1.41ct:1ct 1ct:1ct
350
-1.0 -17
-12
-10
-30
-30
-20
-40
-35
-30
4 / D
PM-6262 1ct:1.41ct 1ct:1ct
350
-1.1 -18
-13
-11
-30
-30
-30
-40
-40
-30
4 / M
PM-6264 1ct:1ct
1ct:1ct
350
-1.0 -18
-12
-11
-30
-30
-30
-40
-40
-35
4 / D
PM-6266 1ct:1ct
1ct:1ct
350
-1.0 -18
-12
-11
-30
-30
-30
-40
-40
-35
4 / T
PM-6278 1ct:1ct
1ct:1ct
200
-0.9 -16
-12
-11
-40
-40
-40
-38
-38
-38
3 / N
PM-6281 1ct:1ct
1ct:1ct
170
-0.9 -16
-12
-11
-40
-40
-40
-38
-38
-38
3 / P
PM-6283 1ct:1ct
1ct:1ct
170
-0.9 -16
-12
-11
-40
-40
-40
-38
-38
-38
3 / R
PM-6284 1ct:1ct
1ct:1ct
350
-1.1 -18
-16
-10
-30
-30
-30
-38
-38
-38
3 / D
PM-6290 1ct:1ct
1ct:1ct
150
-2.0 -18
-14
-12
-30
-30
-30
-50
-45
-40
6 / S
30
60
80
MHz
MHz
MHz
Ind
(uH Min)
100K
8mADC


Similar Part No. - PM-6211

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-6001 PMI-PM-6001 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6002 PMI-PM-6002 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6003 PMI-PM-6003 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6004 PMI-PM-6004 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
PM-6005 PMI-PM-6005 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
More results

Similar Description - PM-6211

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-6001 PMI-PM-6001 Datasheet
96Kb / 3P
   10/100 Base-TX SINGLE PORT MAGNETIC MODULES With Various Tx Turns Ratio
logo
Rhombus Industries Inc.
T-1041 RHOMBUS-IND-T-1041 Datasheet
35Kb / 1P
   Turns Ratio: 10 Turns : 3 Turns
logo
Pulse A Technitrol Comp...
H1081NL PULSE-H1081NL Datasheet
83Kb / 2P
   10/100BASE-TX SINGLE PORT TRANSFORMER MODULES With Various Transmit Turns Ratios
logo
Filtran LTD
8530 FILTRAN-8530 Datasheet
167Kb / 1P
   LAN 10/100 PC Card LAN Magnetics
logo
Bourns Electronic Solut...
PT61017EL BOURNS-PT61017EL Datasheet
269Kb / 1P
   LAN 10/100 Base-Tx
PT61011 BOURNS-PT61011 Datasheet
222Kb / 1P
   LAN 10/100 Base-Tx
PT61017PEL BOURNS-PT61017PEL Datasheet
244Kb / 1P
   LAN 10/100 Base-Tx
PT61018EL BOURNS-PT61018EL Datasheet
328Kb / 1P
   LAN 10/100 Base-Tx
PT61018PEL BOURNS-PT61018PEL Datasheet
273Kb / 1P
   LAN 10/100 Base-Tx
PT61018 BOURNS-PT61018 Datasheet
225Kb / 1P
   LAN 10/100 Base-Tx
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com