Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-8535 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-8535
Description  10/100 Base-TX ISOLATION TRANSFORMERS WITH FILTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-8535 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-8535 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-8535 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-85xx 11/05
10/100 Base-TX
ISOLATION TRANSFORMERS
WITH FILTERS
EXTENDED TEMP RANGE
Ê
Designed for 10/100MB/s Transmission Over UTP-5 Cable, IEEE 802.3 100BASE-TX.
Ë
Designed for 350uHY Primary OCL with an 8mA bias.
Ì
Designed to Support all leading Fast Ethernet Chip Sets.
Í
Provides the Cable Interface, Isolation & Common Mode Filtering required by the PMD Sublayer.
º
Through Hole SIP & Low Profile Surface Mount Packages.
(1) : IEC950, UL1950, CSA-950 REINFORCED INSULATION VERSION, 3000Vrms Isolation.
INSERTION
LOSS
(dB Max)
1 to 80MHz
PART
NUMBER
PM-8508
-1.0
2.5
-60
-50
-30
-18
-12
-10
n/a
n/a
1500
PM-8510
-1.0
2.5
-31
-31
-28
-18
-12
-10
n/a
n/a
1500
PM-8515
-1.0
2.5
-42
-37
-34
-18
-12
-10
-40
-38
1500
PM-8517
-1.0
2.5
-42
-37
-34
-18
-12
-10
-40
-38
1500
PM-8520
-1.1
2.5
-31
-31
-28
-18
-12
-10
-40
-38
1500
PM-8529
-1.1
2.5
-45
-40
-35
-16
-12
-10
-40
-35
1500
(1)
PM-8535
-1.2
2.5
-35
-30
-25
-18
-12
-10
-40
-38
3000(1)
(1)
PM-8536
-1.2
2.5
-35
-30
-25
-18
-12
-10
-40
-38
3000(1)
(1)
PM-8538
-1.2
2.5
-43
-37
-33
-16
-13
-12
-45
-38
3000(1)
(1)
PM-8540
-1.2
2.5
-35
-30
-25
-18
-12
-10
-40
-38
5000(1)
PM-8589
-1.0
2.5
-42
-38
-32
-22
-18
-12
-40
-40
1500
HI-POT
(VrmsMin)
RISE TIME
(ns Typ)
10-90%
DifferentialtoCommon
Mode Rejection (dB Min)
1-30
30-100 100-150
MHz
MHz
MHz
Crosstalk
(dB Min)
1-60MHz
60-100MHz
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
0OC TO +70OC
Return Loss
(dB Min)
1-30
30-60
60-100
MHz
MHz
MHz
NORMAL TEMP RANGE
INSERTION
LOSS
(dB Max)
1 to 80MHz
PART
NUMBER
PM-8590
-1.0
2.5
-42
-37
-32
-16
-11
-10
-40
-35
1500
PM-8591
-1.0
2.5
-42
-37
-32
-16
-11
-10
-40
-35
1500
PM-8592
-1.0
2.5
-42
-37
-34
-18
-12
-10
-40
-38
1500
HI-POT
(VrmsMin)
RISE TIME
(ns Typ)
10-90%
DifferentialtoCommon
Mode Rejection (dB Min)
1-30
30-100 100-150
MHz
MHz
MHz
Crosstalk
(dB Min)
1-60MHz
60-100MHz
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
Return Loss
(dB Min)
1-30
30-60
60-100
MHz
MHz
MHz


Similar Part No. - PM-8535

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8044 PMI-PM-8044 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8050 PMI-PM-8050 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8051 PMI-PM-8051 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8053 PMI-PM-8053 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
More results

Similar Description - PM-8535

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
Central Technologies
CTLFSPF CT-CTLFSPF Datasheet
200Kb / 1P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFLPF CT-CTLFLPF Datasheet
241Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
CTLFAMMF CT-CTLFAMMF Datasheet
270Kb / 2P
   LAN Filters - 10/100 Base-Tx
REV 01.07.19
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
NS060 BOTHHAND-NS060 Datasheet
172Kb / 1P
   10 BASE ISOLATION TRANSFORMERS PCMCIA
TS7011AM BOTHHAND-TS7011AM Datasheet
268Kb / 1P
   10 BASE-T ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
   10 Base-T Isolation Transformers
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
   Isolation Transformers for 10 Base-T
logo
Rhombus Industries Inc.
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
   10 BASE-T Applications Isolation Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com