Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-BT05 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-BT05
Description  10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-BT05 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-BT05 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-BT05 Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmbt 6/98
10 Base-T DUAL
INTERFACE MODULES
TRANSFORMERS & FILTERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
0OC TO +70OC
Ê
Designed for IEEE 802.3 10 Base-T
Í
2000Vrms Minimum Isolation Voltage
Ë
Compact Standard DIL OR SIP Packages
Î
Low Insertion Loss
Ì
Performs Impedence Match + Filtering + Isolation Ï Designed for use with most 10 Base T Chips
PART
NUMBER
Schematic
PM-BT01
1.0
1.0
15
30
4.0
7
6
19 14 32 20 35 31 17
2000
A
PM-BT02
4.6
4.2
15
30
4.0
7
6
19 14 32 20 35 31 17
2000
B
PM-BT031
1.0
1.0
15
30
4.0
7
6
19 14 32 20 35 31 17
2000
C
PM-BT041,2
4.5
1.0
15
35
2.0
7
5
18 11 30 16 33 26 17
2000
D
PM-BT051
1.0
1.0
15
35
2.0
7
5
18 11 30 16 33 26 17
2000
E
PM-BT061
1.0
1.0
15
30
4.0
7
6
19 14 32 20 35 31 17
2000
F
PM-BT071
1.0
1.0
15
30
4.0
7
6
19 14 32 20 35 31 17
2000
G
Insertion Loss
1 to 10MHz
(dB Max)
Tran.
Rcv
Return Loss
1 to 10MHz
(dB Min.)
Crosstalk
to 10MHz
(dB Min.)
Group Delay
Change
(ns Max.)
5-10MHz
Attenuation
(dB Min)
20MHz
25MHz
30MHz
40MHz
T
R
T
R
T
R
T
R
Cut
Off
MHz
TYP
Pri to Sec
Isolation
(Vrms Min)
SCHEMATIC
"A"
Receive
Five Pole Butterworth
Transmit
Seven Pole Butterworth
DIL (DUAL IN-LINE) THRU-HOLE
PM-BT434(1)
-1.0
-18
-15
-45 -40
4.0
-37 -15
-40
-35 -60 -45
2000
F1
Insertion Loss
to 10MHz
(dB Max)
Return Loss
.1 to 10MHz
(dB Min.)
100
Ω 98+13 Ω
Crosstalk
(dB Min.)
MHz
5-10 10-50
Group Delay
Change
5-10MHz
(ns Max.)
Pri to Sec
Isolation
(Vrms Min)
Common mode
rejection (dB Min)
MHz
5-10
50
100
Attenuation
(dB Min @ MHz)
30
50-100
T
R
T or R
PART
NUMBER
PM-BT01 SCHEMATICS
SCHEMATIC "A"
SIP (SINGLE IN-LINE) THRU-HOLE
Schematic
1 = INCLUDES COMMON MODE FILTER
2 = INCLUDES RESISTOR MATCHING NETWORK
9
12
16
1
5
7
15
13
10
4
2
8
3
14
11
6
XMIT
FILTER
RCV
FILTER
100 OHMS
100 OHMS
100 OHMS
100 OHMS
16
14
15
2
1
3
XMIT
100Ω
100Ω
1:1
11
9
10
7
6
8
RCV
100Ω
100Ω
1:1


Similar Part No. - PM-BT05

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
More results

Similar Description - PM-BT05

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
FB2009 BOTHHAND-FB2009 Datasheet
43Kb / 1P
   10 BASE-T INTERFACE MODULES
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
FB2022D BOTHHAND-FB2022D Datasheet
255Kb / 1P
   10 BASE-T DUAL INTERFACE MODULES TRANSFORMER & FILTER
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Rhombus Industries Inc.
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
78Z034CNL PULSE-78Z034CNL Datasheet
141Kb / 2P
   10 BASE-T THROUGH HOLE INTERFACE MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com