Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-BT96 Datasheet(PDF) 8 Page - Premier Magnetics, Inc.

Part # PM-BT96
Description  10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-BT96 Datasheet(HTML) 8 Page - Premier Magnetics, Inc.

Back Button PM-BT96 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 9Page - Premier Magnetics, Inc. PM-BT96 Datasheet HTML 10Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
8
pmbt 6/98
10 Base-T DUAL
INTERFACE MODULES
TRANSFORMERS & FILTERS
.100
(2.54)
TYP
.810
(20.57)
MAX
.020
(0.51)
TYP
.120
(3.05)
MIN
.300
(7.62)
MAX
.400
(10.16)
MAX
.300
(7.62)
.300
(7.62)
TYP
PIN#1 I.D.
WHITE DOT
PM-BT07 PHYSICALS
SCHEMATIC "G"
Transmit
Seven Pole Butterworth
TYPICAL COMMON MODE CHOKE:
Inductance: 18 to 36
µHy
Leakage Inductance: <0.3
µHy Max.
Inter-Winding Capacitance: <25 pF Max.
CMRR 10-100MHz >20db
SCHEMATIC
"G"
Receive
Five Pole Butterworth
P PM-BT07
YYWW
PHYSICAL DIMENSIONS .... DIMENSIONS IN INCHES (mm)
M
9
12
16
15
13
10
14
11
1
5
7
4
2
8
3
6
XMIT
FILTER
RCV
FILTER
100 OHMS
100 OHMS
100 OHMS
100 OHMS
16
14
15
2
1
3
XMIT
100Ω
100 Ω
1:1
11
9
10
7
6
8
RCV
100Ω
100Ω
1:1


Similar Part No. - PM-BT96

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
More results

Similar Description - PM-BT96

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
FB2009 BOTHHAND-FB2009 Datasheet
43Kb / 1P
   10 BASE-T INTERFACE MODULES
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
logo
Premier Magnetics, Inc.
PM-9001 PMI-PM-9001 Datasheet
83Kb / 2P
   1000 Base-T MODULES ISOLATION TRANSFORMERS WITH FILTERS
logo
Bothhand USA, LP.
FB2022D BOTHHAND-FB2022D Datasheet
255Kb / 1P
   10 BASE-T DUAL INTERFACE MODULES TRANSFORMER & FILTER
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Rhombus Industries Inc.
T-13010 RHOMBUS-IND-T-13010 Datasheet
57Kb / 2P
   10 BASE-T Transformers
logo
Pulse A Technitrol Comp...
78Z034CNL PULSE-78Z034CNL Datasheet
141Kb / 2P
   10 BASE-T THROUGH HOLE INTERFACE MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com