Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-DB2704 Datasheet(PDF) 7 Page - Premier Magnetics, Inc.

Part # PM-DB2704
Description  DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DB2704 Datasheet(HTML) 7 Page - Premier Magnetics, Inc.

Back Button PM-DB2704 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 9Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 10Page - Premier Magnetics, Inc. PM-DB2704 Datasheet HTML 11Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
7
pm-dbxxx 01/12/09
MIL-STD-1553 / MIL-PRF-21038
DATABUS INTERFACE TRANSFORMERS
LOW PROFILE SINGLE/DUAL
ADD "+" ON P/N FOR RoHS COMPLIANCE
SCHEMATICS
SCHEMATIC "1"
SCHEMATIC "4"
SCHEMATIC "3"
SCHEMATIC "5"
1
3
4
8
6
2
5
7
1
2
4
3
1
2
4
3
SCHEMATIC "2"
1
5
3
2
6
4
1
3
4
8
6
2
5
7
SCHEMATIC "6"
(11) 1
4 (14)
8 (18)
6 (16)
5 (15)
7 (17)
(12) 2
(13) 3
SCHEMATIC "7"
(11) 1
4 (14)
8 (18)
6 (16)
5 (15)
7 (17)
(12) 2
(13) 3
SCHEMATIC "8"
13 (9)
(5) 1
(6) 2
(7) 3
16 (12)
15 (11)
4 (8)
14 (10)
SCHEMATIC "9"
SCHEMATIC "10"
SCHEMATIC "11"
1
3
8
4
2
1
3
7
5
2
1
3
4
8
2
5
7


Similar Part No. - PM-DB2704

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DC05105 PMI-PM-DC05105 Datasheet
36Kb / 2P
   2.0 WATT DC-DC CONVERTER Unregulated, 16 Pins SMD
PM-DC05109 PMI-PM-DC05109 Datasheet
36Kb / 2P
   2.0 WATT DC-DC CONVERTER Unregulated, 16 Pins SMD
More results

Similar Description - PM-DB2704

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T5007NL PULSE-T5007NL Datasheet
121Kb / 2P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMERS
logo
Rhombus Industries Inc.
T-18300 RHOMBUS-IND-T-18300 Datasheet
48Kb / 1P
   ISDN S-Interface Low Profile SMT Dual Transformers
logo
Micro Electronics
PHT-1901 MICRO-ELECTRONICS-PHT-1901 Datasheet
240Kb / 1P
   LOW PROFILE INTERFACE COUPLING AND HYBRID TRANSFORMERS
logo
Bel Fuse Inc.
2798A BEL-2798A_00 Datasheet
41Kb / 2P
   Dual S Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1261G PCA-EPR1261G Datasheet
43Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1270G PCA-EPR1270G Datasheet
27Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
   ISDN-S Interface Dual Transformers
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
logo
Bel Fuse Inc.
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com