Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-8216 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-8216
Description  T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-8216 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-8216 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-8216 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-8216 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-8216 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-81_82 07/00
T1/CEPT
QUAD PORT SMD
ISOLATION TRANSFORMERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
EXTENDED TEMP RANGE
PM-8211
1:.79
1:2
1.5
0.8
35
1-2,6-7,11-12,16-17
21-22,26-27,31-32,36-37
B
PM-8212
1:1.15
1:2CT
1.5
0.8
35
1-2,6-7,11-12,16-17
21-23,26-28,31-33,36-38
A
PM-8213
1CT:1.41 1CT:1.41
1.5
0.8
35
1-3,6-8,11-13,16-18
21-23,26-28,31-33,36-38
C
PM-8214
1:2CT
1:1CT
1.5
0.8
35
1-2,6-7,11-12,16-17
21-22,26-27,31-32,36-37
B
PM-8215
1:1.36CT 1:2CT
1.5
0.8
35
24-25,29-30,34-35,39-40 4-5,9-10,14-15,19-20
C
PM-8216
1:2
1:2CT
1.5
0.8
35
1-2,9-10,11-12,19-20
23-25,26-28,33-35,36-38
D
PM-8217
1:2CT
1:2CT
1.5
0.8
35
4-5,9-10,14-15,19-20
24-25,29-30,34-35,39-40
C
PM-8218
1:1.14
1:1.14CT
1.5
0.8
35
1-2,6-7,11-12,16-17
21-23,26-28,31-33,36-38
A
PM-8219
1:1.36
1:1.36CT
1.5
0.8
20
1-2,6-7,11-12,16-17
21-23,26-28,31-33,36-38
A
PM-8220
1CT:1.0
1CT:1.0
1.2
0.8
35
1-3,6-8,11-13,16-,18
38-36,33-31,28-26,23-21
C
PM-8xxx MECHANICAL
.480
(12.19)
.090 (2.29)
40-PLACES
.050 (1.27)
19-PLACES
40
1
.950
(24.13)
21
.030 (0.76)
40-PLACES
40
21
.250
(6.35)
MAX
.015 (.38)
.005 (.12)
.018
(0.46)
.050
(1.27)
TYP
1.125
(28.58)
MAX
PIN#1
DOT
FLAT
.010
(0.25)
TYP
.640 (16.26)
.590 (14.98)
.045 (1.14)
.020 (0.50)
.480
(12.19)
.950
(24.13)
PIN #1
I.D.
1
20
M
P PM-8xxx
YYWW
PM-8xxx PCB LAYOUT
Schematic
PART
NUMBER
TURNS RATIO
(PRI:SEC ± 3%)
TX
RX
PRI - SEC
TX&RX L
L
(
µ
µHMax.)
PRI OCL
TX&RX
(mH TYP.)
PRI - SEC
Cw/w
(pfMax.)
PRIMARY
PINS
TX
RX
DIMENSIONS IN INCH (mm)


Similar Part No. - PM-8216

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8044 PMI-PM-8044 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
PM-8050 PMI-PM-8050 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8051 PMI-PM-8051 Datasheet
40Kb / 1P
   10/100 BASE-T QUAD SMD TRANSFOMER MODULES
PM-8053 PMI-PM-8053 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
More results

Similar Description - PM-8216

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-8300 PMI-PM-8300 Datasheet
75Kb / 2P
   T1/CEPT QUAD PORT SMD ISOLATION TRANSFORMERS
PM-IS20 PMI-PM-IS20 Datasheet
63Kb / 4P
   T1/CEPT DUAL CORE SMD ISOLATION TRANSFORMERS
logo
List of Unclassifed Man...
LT-4000S ETC1-LT-4000S Datasheet
52Kb / 1P
   T1/CEPT/ISDN-PR1 Quad Port Isolation Tranformer
logo
Premier Magnetics, Inc.
PM-IS80 PMI-PM-IS80 Datasheet
36Kb / 2P
   T1/CEPT/ISDN-PRI DUAL CORE SMD ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPR1511S PCA-EPR1511S Datasheet
55Kb / 1P
   T1/E1/CEPT/ISDN-PRI Quad Port Interface Transformers
logo
Filtran LTD
8150 FILTRAN-8150 Datasheet
268Kb / 2P
   T1/CEPT Quad Port T1/E1
logo
XFMRS Inc.
XF0013Q1B XFMRS-XF0013Q1B_15 Datasheet
61Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q5C XFMRS-XF0013Q5C Datasheet
51Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q5E XFMRS-XF0013Q5E Datasheet
49Kb / 1P
   T1/E1/CEPT QUAD PORT
XF0013Q16A XFMRS-XF0013Q16A Datasheet
50Kb / 1P
   T1/E1/CEPT QUAD PORT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com