Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCU-5009 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PMCU-5009
Description  PMCU-XXXX EMI/RFI COMMON MODE LINE FILTERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PMCU-5009 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PMCU-5009 Datasheet HTML 1Page - Premier Magnetics, Inc. PMCU-5009 Datasheet HTML 2Page - Premier Magnetics, Inc. PMCU-5009 Datasheet HTML 3Page - Premier Magnetics, Inc. PMCU-5009 Datasheet HTML 4Page - Premier Magnetics, Inc. PMCU-5009 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmcu 09/01
PMCU-XXXX EMI/RFI
COMMON MODE
LINE FILTERS
7.0
(.276)
10.8
(.425)
∅ 0.6
(.024)
12.5
(.492)
MAX
5.0
(.197)
TYP
1
2
8.0
(.315)
15.5
(.610)
MAX
4
3
16.5
(.65)
MAX
12.6
(.495)
1
4
CORE
CLAMP
1
2
4
3
TOP VIEW
8.0
(.315)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +80OC
Ê
Rated Voltage: 250Vac, 45/400Hz
Í
Low Profile Horizontal Construction
Ë
< 30OC Temp Rise & Rated Current (1)
Î
3750Vrms Isolation
Ì
Operating Temp -40 to +80 OC
Ï
Insulation Resistance @ 500Vdc >100M
RATED
RMSCurrent
mArms
PART
NUMBER
INDUCTANCE
@ 1KHz
(mHMin.)
DCR
EACH WINDING
(Ohms Max.)
PACKAGE
Load VA
@ RMS Line
115V
230V
PMCU-4470
150
17.25
34.50
47.0
6.90
U9.8
PMCU-4330
200
23.00
46.00
33.0
5.50
U9.8
PMCU-4220
250
28.75
57.50
22.0
3.70
U9.8
PMCU-4100
350
40.25
80.50
10.0
1.40
U9.8
PMCU-4056
450
51.75 103.50
5.6
0.75
U9.8
PMCU-4033
600
69.00 138.00
3.3
0.50
U9.8
PMCU-4015
800
92.00 184.00
1.5
0.30
U9.8
PMCU-4009
1000
115.00 230.00
0.9
0.16
U9.8
PMCU-4005
1500
172.50 345.00
0.5
0.12
U9.8
PMCU-4002
2000
230.00 460.00
0.2
0.06
U9.8
PMCU-4001
3000
345.00 690.00
0.1
0.03
U9.8
Notes:
(1) Temperature Rise is specified at maximum continuous current. Lower currents
will result in reduced temperature rise. Design point is< 30OC rise at rated current.
1
2
4
3
L1B
L1A
DOT ON BOBBIN
DENOTES PIN #1
Cx
F1
PMCU-XXXX
Cx = 0.1uF (Line-to-Line)
Cy = 2200pF (Line-to-FG)
LINE
NEUT
115/230Vac
50/60Hz
Cx
Cy
Cy
FG
2
3
1
4
P
M PMCU-4XXX
LOW PROFILE-HORZ
DIMENSIONS mm (IN)
SCHEMATIC
TYPICAL APPLICATION CIRCUIT
PART IS REVERSIBLE.
IT CAN BE INSERTED INTO PCB EITHER WAY.


Similar Part No. - PMCU-5009

ManufacturerPart #DatasheetDescription
logo
Powerbox
PMC POWERBOX-PMC Datasheet
1Mb / 3P
   3 5 - 1 5 0 WAT T S - PA N E L M O U N T P OWE R S U P P LY
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Alpha Wire
PMC ALPHAWIRE-PMC Datasheet
103Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
PIC GmbH
PMC-0508TH PIC-PMC-0508TH Datasheet
122Kb / 2P
   Micro SMD Reed Switch pitch 8.9 mm
logo
Delta Electronics, Inc.
PMC-05V015W1AA DELTA-PMC-05V015W1AA Datasheet
478Kb / 11P
   PMC Panel Mount Power Supply
More results

Similar Description - PMCU-5009

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PMCE-0470 PMI-PMCE-0470 Datasheet
37Kb / 2P
   PMCE-XXXX EMI/RFI COMMON MODE LINE FILTERS
logo
Adam Technologies, Inc.
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
   EMI/RFI POWER LINE FILTERS
logo
Coilcraft lnc.
M2022 COILCRAFT-M2022 Datasheet
223Kb / 2P
   Common Mode EMI Filters
logo
Frontier Electronics.
CFS24XX FRONTIER-CFS24XX Datasheet
115Kb / 1P
   Common Mode Line Filters
CFU1001 FRONTIER-CFU1001 Datasheet
109Kb / 1P
   Common Mode Line Filters
logo
List of Unclassifed Man...
CFU1101 ETC-CFU1101 Datasheet
39Kb / 1P
   Common Mode Line Filters
logo
Frontier Electronics.
CFU1101 FRONTIER-CFU1101 Datasheet
99Kb / 1P
   Common Mode Line Filters
3112 FRONTIER-3112 Datasheet
96Kb / 1P
   Common Mode Line Filters
3110122 FRONTIER-3110122 Datasheet
101Kb / 1P
   Common Mode Line Filters
CFS3501 FRONTIER-CFS3501 Datasheet
105Kb / 1P
   Common Mode Line Filters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com