Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-T101 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-T101
Description  T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-T101 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-T101 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-T101 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-T101 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-T101 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-T101 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pmt1xx 7/99
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
0OC TO +70OC
EXTENDED TEMP RANGE
* For T1/CEPT Telecommunications Applications
* Low Profile Packages
* Designed to Meet CCITT and FCC requirments
* 1500Vrms Minimum Isolation
* Designed for Majority of Line Interface Tranceiver Chips
* Single or Dual Core Package
PM-T101
1:1:1 (1:2ct)
1.20
0.50
25
0.70
0.70
1-2
T6/A
PM-T102
1:1:1 (1:2ct)
2.00
0.50
40
.70
0.70
1-2
T6/A
PM-T103
1:1:1.58
0.30
0.60
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T104
1:1:2
0.80
0.60
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T105
1:1:2.62
0.80
0.40
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T106
1:1
1.20
0.50
25
0.70
0.70
1-5
T6/B
PM-T107
1ct:2ct
1.20
.30 - .55
30
0.70
1.20
1-5
T6/C
PM-T111
1:1.36
1.20
0.80
30
0.70
0.70
5-6
T6/H
PM-T112
1:1.15ct
1.50
0.60
35
0.70
0.90
2-6
T6/J
PM-T113
1:1
1.20
0.50
25
0.70
0.70
5-6
T6/H
PM-T114
1ct:2ct
1.20
0.55
30
0.70
1.10
2-6
T6/I
PM-T115
1ct:2ct
2.00
0.50
40
0.70
1.40
2-6
T6/I
PM-T116
2ct:1ct
2.00
1.50
30
0.70
0.40
1-5
T6/C
PM-T117
1:1ct
0.06
0.75
25
0.60
0.60
2-6
T6/J
PM-T119
1ct:1
1.20
0.80
25
0.70
0.70
1-5
T6/J
PM-T120
1:1:1.266
1.50
0.40
35
0.70
0.90
2-6,(1:1=2-6:3-5) T6/J
PM-T108
1:2ct & 1:2ct
1.20
0.50
30
0.70
1.10
14-12 / 5-7
A7/D
PM-T121
1:1.15ct & 1:2ct
1.5/1.2
0.6/0.5
35/40
0.70/0.70 1.10/1.30
14-12 /
5-7
A7/D
PM-T109
1:2ct & 1:1.36
1.20
.5 & .8
35
0.80
1.80
14-12 / 5-7
A7/E
PM-T110
1ct:2ct & 1:1
1.20
.55 & .50
30
0.7 & 0.7
1.1 & .7
1-3 / 10-8
A7/F
PM-T118
1:2ct & 1:2ct
2.00
.60 & .60
45
0.7 & 0.7
1.0 & 1.0 14-12 / 10-8
A7/G
PART
NUMBER
Package
/
Schematic
TURNS
RATIO
(±5%)
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(
µ HMax.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
PRIMARY
PINS
T1/E1/CEPT/ISDN-PRI
DUAL & SINGLE CORE
THRU-HOLE TRANSORMERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
PM-T101E 1:1:1 (1:2ct)
1.20
0.50
25
0.70
0.70
1-2
T6/A
PM-T102E 1:1:1 (1:2ct)
2.00
0.50
40
.70
0.70
1-2
T6/A
PM-T103E 1:1:1.58
0.30
0.60
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T104E 1:1:2
0.80
0.60
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T105E 1:1:2.62
0.80
0.40
30
0.4 & 0.4
0.60
1-4, (2&3 Short) T6/A
PM-T106E 1:1
1.20
0.50
25
0.70
0.70
1-5
T6/B
PM-T107E 1ct:2ct
1.20
.30 - .55
30
0.70
1.20
1-5
T6/C
PM-T111E 1:1.36
1.20
0.80
30
0.70
0.70
5-6
T6/H
PM-T112E 1:1.15ct
1.50
0.60
35
0.70
0.90
2-6
T6/J
PART
NUMBER
Package
/
Schematic
TURNS
RATIO
(±5%)
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(
µ HMax.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
PRIMARY
PINS


Similar Part No. - PM-T101

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1031 PMI-PM-T1031 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1032 PMI-PM-T1032 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1033 PMI-PM-T1033 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1034 PMI-PM-T1034 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
More results

Similar Description - PM-T101

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com