Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-IU26 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-IU26
Description  ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-IU26 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-IU26 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-IU26 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-IU26 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-IU26 Datasheet HTML 4Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pmiu 06/99
ISDN-U
THRU HOLE & SMD
ISOLATION TRANSFORMERS
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
20.0
(.787)
1
25.75
(1.014)
MAX
17.00
(.670)
MAX
3.0
(.118)
4.5
(.177)
CORE
TAPED
PIN#1 I.D.
WHITE DOT
5
4.85
(.191)
26.0
(1.024)
MAX
3.75
(.148)
5-PLCS
18.75
(.738)
6
7
8
9
10
5.00
(.197)
4-PLCS
20.0
(.787)
14
23
C
L
20.0
(.787)
0.8 DIA.
11-PLCS
11
5
6
7
8
9
10
11
14
23
5
P
M
PM-IU10
YYWW
EPC25 MECHANICAL
PM-IU10
DOT/CHAMPHER
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
10
7
2
SECONDARY
(CHIP SIDE)
4
5
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#4
PRI #1B
PRI #1A
8
SEC #1B
SEC #1A
12x0.8 (.031)
5x2.5 (.100)
12x1.5 (.060)
24.8 (.976)
112
67
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches (mm)
EPC19 SMD MECHANICAL
PM-IU25 & PM-IU26
NOTE1:
REINFORCED INSULATION SYSTEM, UL1950, IEC950, CSA-950:
A) ALL MATERIALS MEET "UL", "CSA" & "IEC" REQUIREMENTS
B) ALL MATERIALS ARE CLASS B (130OC) OR BETTER.
C)MARGIN WOUND FOR > 5.0mm CREEPAGE.CLEARANCE
D)VARNISH FINISHED ASSEMBLY.
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
12
7
2
SECONDARY
(CHIP SIDE)
5
6
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#5
PRI #1B
PRI #1A
9
SEC #1B
SEC #1A
21.7
(.854)
1
6
19.81
(.780)
MAX
10.16
(.400)
MAX
0.13
(.005)
PIN#1 I.D.
ON BOBBIN
6
1
7
24.7
(.972)
MAX
23 4 5 6
12 11 10 9 8 7
0.7
(.028)
2.5
(.098)
0.4
(.016)
CORE
TAPE
P
M
PM-IU25
YYWW


Similar Part No. - PM-IU26

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IND019 PMI-PM-IND019 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND019E PMI-PM-IND019E Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND020 PMI-PM-IND020 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND020E PMI-PM-IND020E Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
PM-IND024 PMI-PM-IND024 Datasheet
45Kb / 3P
   COUPLED INDUCTOR For Uses in ADSL POTS Low Pass Filters
More results

Similar Description - PM-IU26

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DSL10 PMI-PM-DSL10 Datasheet
302Kb / 12P
   DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
logo
Bi technologies
HM80 BITECH-HM80 Datasheet
102Kb / 1P
   ISDN Isolation Transformers
logo
Premier Magnetics, Inc.
PM-IS42 PMI-PM-IS42 Datasheet
54Kb / 1P
   ISDN S SMD INTERFACE ISOLATION TRANSFORMERS
logo
Bel Fuse Inc.
0559-5683-00 BEL-0559-5683-00 Datasheet
54Kb / 1P
   ISDN U INTERFACE TRANSFORMERS
logo
Pulse A Technitrol Comp...
T4008 PULSE-T4008 Datasheet
81Kb / 1P
   ISDN U-INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-13207 RHOMBUS-IND-T-13207 Datasheet
36Kb / 1P
   ISDN U-Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1101 PCA-EPR1101 Datasheet
27Kb / 1P
   ISDN U Interface Transformers
EPR1166 PCA-EPR1166 Datasheet
39Kb / 1P
   ISDN U Interface Transformers
EPR1102 PCA-EPR1102 Datasheet
51Kb / 1P
   ISDN U Interface Transformers
logo
Rhombus Industries Inc.
T-1049 RHOMBUS-IND-T-1049 Datasheet
30Kb / 1P
   ISDN TRANSFORMERS "U" INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com