Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-SF06 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-SF06
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-SF06 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-SF06 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-SF06 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-SF06 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-SF06 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-SF06 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
SCHEMATIC "A"
SCHEMATIC "A"
.100
(2.54)
.675
(17.14)
MAX
.020
(0.51)
.120
(3.05)
MIN
.250
(6.35)
MAX
.400
(12.70)
MAX
.300
(7.62)
DIA
.500
(12.70)
PIN#1
DOT
8
12
15
11
9
4
2
3
10
7
6
1.000
(25.40)
MAX
.100
(2.54)
.120
(3.05)
MIN
.250
(6.35)
MAX
.700
(17.78)
.020
(0.51)
.400
(12.70)
MAX
.300
(7.62)
DIA
PIN#1
DOT
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PACKAGE "2"
PACKAGE "3"
SCHEMATIC "A"
.400
(10.16)
MAX
.500
(12.70)
MAX
.250
(6.35)
MAX
.020
(.51)
TYP
.020
(.51) DIA
.300
(7.62)
.120
(3.05)
MIN
.100
(2.54)
.300
(7.62)
PIN#1
DOT
8
1
7
5
4
2
3
6
PACKAGE "1"
SCHEMATIC


Similar Part No. - PM-SF06

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-SM02 PMI-PM-SM02 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM03 PMI-PM-SM03 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM04 PMI-PM-SM04 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM05 PMI-PM-SM05 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM07 PMI-PM-SM07 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
More results

Similar Description - PM-SF06

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
   Signal Line Common Mode Chokes/Filters
ALC2012-900-2P-T00 TDK-ALC2012-900-2P-T00 Datasheet
147Kb / 3P
   Signal Line Common Mode Chokes/Filters
B82791G0014A017 TDK-B82791G0014A017 Datasheet
140Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A025 TDK-B82791H0015A025 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
ACT1210-110-2P-TL00 TDK-ACT1210-110-2P-TL00_17 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
ACT1210-510-2P-TL00 TDK-ACT1210-510-2P-TL00_17 Datasheet
191Kb / 3P
   Common Mode Filters / Chokes
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A014 TDK-B82791G0015A014 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A016 TDK-B82791G0015A016 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A030 TDK-B82791H0015A030 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com