Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-SF50 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-SF50
Description  SIGNAL LINE FILTERS COMMON MODE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-SF50 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-SF50 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-SF50 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-SF50 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-SF50 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-SF50 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pmsf 09/00
SIGNAL LINE FILTERS
COMMON MODE CHOKES
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
RECOMMENDED PCB LAYOUT
SCHEMATIC "A"
SCHEMATIC "B"
SCHEMATIC "C"
SCHEMATIC "D"
M
P PM-SFxx
YYWW
PACKAGE "5"
16x.025 (.64)
7x.050 (1.27)
16x.075 (1.91)
.270 (6.86)
1
16
9
8
.420 (10.67)
.350 (8.89)
9
12
16
15
7
15
13
10
4
28
3
14
11
6
9
12
16
15
7
15
13
10
4
28
3
14
11
6
9
12
16
15
7
15
13
10
4
28
3
14
11
6
9
12
16
15
7
15
13
10
4
28
3
14
11
6
SCHEMATIC
.010
(0.25)
TYP
.370 (9.40)
.020 (0.51) MIN
.019
(0.48)
TYP
.050
(1.27)
TYP
.210
(5.33)
MAX
.280
(7.11)
MAX
PIN#1
WHITE DOT
.022 (.55)
.004 (.10)
1
234567
8
16 15 14 13 12 11 10 9
.475
(12.10)
MAX


Similar Part No. - PM-SF50

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-SM02 PMI-PM-SM02 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM03 PMI-PM-SM03 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM04 PMI-PM-SM04 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM05 PMI-PM-SM05 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
PM-SM07 PMI-PM-SM07 Datasheet
41Kb / 4P
   SWITCH MODE DC/DC POWER CONVERSION TRANSFORMERS
More results

Similar Description - PM-SF50

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ALC2012H-381-2P-T05G TDK-ALC2012H-381-2P-T05G Datasheet
190Kb / 3P
   Signal Line Common Mode Chokes/Filters
ALC2012-900-2P-T00 TDK-ALC2012-900-2P-T00 Datasheet
147Kb / 3P
   Signal Line Common Mode Chokes/Filters
B82791G0014A017 TDK-B82791G0014A017 Datasheet
140Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A025 TDK-B82791H0015A025 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
ACT1210-110-2P-TL00 TDK-ACT1210-110-2P-TL00_17 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
ACT1210-510-2P-TL00 TDK-ACT1210-510-2P-TL00_17 Datasheet
191Kb / 3P
   Common Mode Filters / Chokes
ACT45B-220-2P-TL003 TDK-ACT45B-220-2P-TL003 Datasheet
189Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A014 TDK-B82791G0015A014 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791G0015A016 TDK-B82791G0015A016 Datasheet
152Kb / 3P
   Common Mode Filters / Chokes
B82791H0015A030 TDK-B82791H0015A030 Datasheet
154Kb / 3P
   Common Mode Filters / Chokes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com