Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3838E18DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3838E18DBVR
Description  NANOPOWER SUPERVISORY CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3838E18DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3838E18DBVR Datasheet HTML 3Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 4Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 5Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 6Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 7Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 8Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 9Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 10Page - Texas Instruments TPS3838E18DBVR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TPS3836E18 / J25 / H30 / L30 / K33
TPS3837E18 / J25 / L30 / K33, TPS3838E18 / J25 / L30 / K33
NANOPOWER SUPERVISORY CIRCUITS
SLVS292A – JUNE 2000 – REVISED JANUARY 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
2
4
6
8
10
0246
Figure 1
VDD – Supply Voltage – V
MR = Open
CT = GND
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
TA = –40°C
TA = 0°C
TA = 25°C
TA = 85°C
Figure 2
VMR – Manual Reset Voltage – V
–500
–400
–300
–200
–100
0
100
–2
024
6
MANUAL RESET CURRENT
vs
MANUAL RESET VOLTAGE
VDD = 6 V
CT = GND
TA = 25°C
TA = 85°C
TA = 0°C
TA = –40°C
Figure 3
IOL – Low-Level Output Current – mA
0.0
0.5
1.0
1.5
2.0
01234567
VDD = 2 V
MR = OPEN
CT = GND
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
TA = 25°C
TA = –40°C
TA = 85°C
TA = 0°C
Figure 4
0.0
0.5
1.0
1.5
2.0
0
1234
5
IOH – High-Level Output Current – mA
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
VDD = 2 V
MR = OPEN
CT = GND
TA = 85°C
TA = –40°C
TA = 0°C
TA = 25°C


Similar Part No. - TPS3838E18DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3838E18DBVR TI1-TPS3838E18DBVR Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3838E18DBVRG4 TI1-TPS3838E18DBVRG4 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
More results

Similar Description - TPS3838E18DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com