Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-V041600 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-V041600
Description  VERSA-PAC INDUCTORS & TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-V041600 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-V041600 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-V041600 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-V041600 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-V041600 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-V041600 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630
• TEL: 949-452-0511 • FAX: 949-452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pm-vxxxxx
VERSA-PAC
INDUCTORS & TRANSFORMERS
.720
(18.30)
.327
(8.30)
MAX
.67
(17.0)
.098
(2.50)
.866
(22.00)
MAX
.0196
(0.50)
.016
(0.40)
1234
5
10
9
8
7
6
.015
(0.39)
11
12
PIN #1
DOT
.720
(18.30)
.394
(10.0)
MAX
7.08
(18.0)
MAX
.098
(2.50)
.97
(24.6)
MAX
.027
(0.70)
REF
.016
(0.40)
12
3
4
5
10
987
6
PIN#1
DOT
.015
(0.39)
11
12
.680
(17.27)
.110
(2.80)
.050
(1.27)
.098
(2.50)
1
12
.900
(22.86)
6
7
PM-V05 & PM-V06 MECHANICAL
3
4
6
5
1
2
11
7
10
8
12
9
RATIO 1:1:1:1:1:1
PM-VXXXXXX
D/C
.754
(19.14)
.123
(3.12)
.068
(1.75)
.098
(2.50)
1
12
1.00
(25.4)
6
7
PM-V07 & PM-V08 MECHANICAL
3
4
6
5
1
2
11
7
10
8
12
9
RATIO 1:1:1:1:1:1
PM-VXXXXXX
D/C


Similar Part No. - PM-V041600

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-V041600

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
   UNI-PAC??drum core power inductors
UP2C EATON-UP2C Datasheet
346Kb / 4P
   UNI-PAC??drum core power inductors
UP1B-R47-R EATON-UP1B-R47-R Datasheet
2Mb / 7P
   UNI-PAC??drum core power inductors
logo
List of Unclassifed Man...
FP2-S047-R ETC2-FP2-S047-R Datasheet
1Mb / 4P
   FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com