Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-WT30 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-WT30
Description  WIDEBAND RF PULSE COUPLING TRANSFORMERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-WT30 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-WT30 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-WT30 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-WT30 Datasheet HTML 3Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-wt 08/99
M
P
Premier
Magnetics Inc.
"INNOVATORS IN MAGNETICS TECHNOLOGY"
FDDI & GIGABIT COPPER
MEDIA COUPLING
TRANSFORMERS
!
Optimized for Copper Media Applications of Fast Ethernet & FDDI
"
For use in 150
Ω or 75 Ω systems to ANSI X3T9.5.
$
Frequency Range 2 MHz to 450 MHz.
#
2000Vrms Isolation (Hi-Pot).
HOTLinkTM is a Trade Mark of CYPRESS SEMICONDUCTOR Inc.
CY7B923 HOTLinkTM Transmitter & CY7B933 HOTLinkTM Receiver.
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
PART
NUMBER
PRI-SEC
Cw/w
(pf Max.)
PRI / SEC
L
L
(
µµµµµH Max.)
PRI/SEC
DCR
(
Ω Max.)
-3dB Bandwidth
MHz
Low Max.
High Typ.
CABLE
MEDIA
TYPE
PM-WT75
75
Ω/150Ω
266+
7.0
1:1
2.5
0.08
0.15
0.50
2.5
410
PM-WT76
75
Ω/150Ω
266+
7.0
1ct:1ct
2.5
0.08
0.15
0.50
2.5
350
PM-WT150 150
Ω STP
266
15.0
1:1
2.5
0.08
0.15
0.80
2.0
410
PM-WT20
75
Ω Coax
133
30.0
1:1
4.0
0.10
0.20
1.50
0.5
250
PM-WT30
150
Ω STP
133
60.0
1:1
5.5
0.10
0.20
2.00
0.5
200
Baud
Rate
(MHz)
PRIMARY*
Inductance
(
µµµµµH Typ.)
TURNS
RATIO
(± 5%)
Rise
Time
(ns Max.)
APPLICATION NOTE:
The PM-WT75 & PM-WT150 versions have been optimized for use with 8B/10B code and NRZ modulation
as used in HOTLinkTM for communication. One of the main advantages of 8B/10B code is the elimination of
baseline wander concerns (DC bias). Methods of encoding that are not DC balanced, such as FDDI 4B/5B
require a compromise in the magnetics design as more turns (higher inductances) are necessary to combat
the DC imbalance. Thus the major design consideration for 8B/10B code was to provide sufficient high end
bandwidth to allow passage of at least the 3rd hamonic. In a system operating at a 266 MHz baud rate this
3rd harmonic is at 399MHz. The PM-WT75 should be used for both 75
Ω & 150Ω applications using 8B/10B
coding @ > 266MHz Baud Rates.
MECHANICAL
.010
(0.25)
TYP
.370 (9.40)
.020 (0.51) MIN
.019
(0.48)
TYP
.050
(1.27)
TYP
.210
(5.33)
MAX
.280
(7.11)
MAX
.460
(11.68)
MAX
PIN#1
WHITE DOT
.010 (.25)
.004 (.10)
12345678
16 15 14 13 12 11 10 9
M
P PM-WTXX
YYWW
PHYSICAL DIMENSIONS .... IN INCHES (mm)
"G1" PACKAGE
SCHEMATIC
FIGURE 3: RECOMMENDED PCB LAYOUT
DIMENSION IN INCHES, (mm)
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRIMARY
SECONDARY
PRIMARY
SECONDARY
16x.025 (.64)
7x.050 (1.27)
16x.075 (1.91)
1
16
8
9
9
12
16
15
7
15
13
10
4
28
3
14
11
6
PRI.
SEC.
PRI.
SEC.
PM-WT76
PM-WT75,150,20,30


Similar Part No. - PM-WT30

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PM-WT76 BOTHHAND-PM-WT76 Datasheet
35Kb / 1P
   Fiber Channel Dual Transformer
More results

Similar Description - PM-WT30

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
PT10910 DATATRONICS-PT10910 Datasheet
48Kb / 1P
   WIDEBAND RF/PULSE TRANSFORMERS
logo
List of Unclassifed Man...
LF-412 ETC-LF-412 Datasheet
113Kb / 1P
   Wideband RF/Pulse Transformers
LF-422 ETC-LF-422 Datasheet
121Kb / 1P
   Wideband RF/Pulse Transformers
logo
SIRENZA MICRODEVICES
TO-212 SIRENZA-TO-212 Datasheet
111Kb / 1P
   Wideband RF/Pulse Transformers.5-650 MHz
TO-222 SIRENZA-TO-222 Datasheet
349Kb / 1P
   Wideband RF/Pulse Transformers.5-450 MHz
TO-230 SIRENZA-TO-230 Datasheet
345Kb / 1P
   Wideband RF/Pulse Transformers .5-100 MHz
LF-412 SIRENZA-LF-412 Datasheet
115Kb / 1P
   Wideband RF/Pulse Transformers .01-25 MHz
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com