Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-OM117 Datasheet(PDF) 5 Page - Premier Magnetics, Inc.

Part # PM-OM117
Description  COMMON MODE LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-OM117 Datasheet(HTML) 5 Page - Premier Magnetics, Inc.

  PM-OM117 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-OM117 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-OM117 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-OM117 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-OM117 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
5
PM-OMxxx
11/06
COMMON MODE LINE
CHOKES
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
IND. (L
s
)
@15.75Khz
(mHMin)
PART
NUMBER
CURRENT
RATING
(Arms)
LEAKAGE
L
L
(
µH Max.)
DCR
Ohms
( Max.)
H
(Max)
L
(Max)
W
(Max)
PM-OM401
72.0
1.0
1400
1.150
2.100
2.100
1.130
1.50
0.90
0.054
PM-OM402 125.0
1.0
1400
1.150
2.200
2.150
1.130
1.50
0.90
0.054
PM-OM403
36.0
2.0
680
0.415
2.150
2.150
1.130
1.50
0.90
0.054
PM-OM404
62.0
2.0
750
0.415
2.200
2.150
1.130
1.50
0.90
0.054
PM-OM405
19.0
4.0
350
0.150
2.200
2.180
1.130
1.50
0.90
0.054
PM-OM406
32.0
4.0
370
0.158
2.200
2.180
1.130
1.50
0.90
0.054
PM-OM407
15.0
6.0
275
0.114
2.200
2.180
1.130
1.50
0.90
0.054
PM-OM408
26.0
6.0
320
0.115
2.225
2.180
1.130
1.50
0.90
0.054
PM-OM409
10.0
9.0
190
0.057
2.200
2.180
1.130
1.50
0.90
0.042
PM-OM410
17.0
9.0
220
0.062
2.280
2.250
1.150
1.50
0.90
0.042
PM-OM411
7.5
12.0
140
0.042
2.200
2.250
1.130
1.50
0.90
0.048
PM-OM412
13.0
12.0
155
0.043
2.500
2.300
1.130
1.50
0.90
0.048
PM-OM413
6.0
15.0
111
0.030
2.200
2.250
1.150
1.50
0.90
0.054
PM-OM414
10.0
15.0
122
0.029
2.280
2.300
1.130
1.50
0.90
0.054
Lead
Dia.
X
(
± 0.01)
Y
(
± 0.01)
REF. DIMENSIONS IN INCHES
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches
X
Y
MECHANICAL
SCHEMATICS
SPACER
.120 (3.0)
MIN
X
.120 +.06
(3.05 + 1.5)
PIN #2
PIN #1
4
1
2
3
Y
2
3
(BOTTOM)
H
max
L
max
W
max
P
M
PM-OMxxx
YYWW
2
1
3
4
L1B
L1A
Ê
For High Frequency Power Supply Applications
Ì
Vertical Mount
Ë
1250 Vrms Isolation Votage
Í
Industry Standard Package


Similar Part No. - PM-OM117

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-OM117

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com