Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-T103E Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-T103E
Description  T1/E1/CEPT/ISDN-PRI DUAL & SINGLE CORE THRU-HOLE TRANSORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-T103E Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-T103E Datasheet HTML 1Page - Premier Magnetics, Inc. PM-T103E Datasheet HTML 2Page - Premier Magnetics, Inc. PM-T103E Datasheet HTML 3Page - Premier Magnetics, Inc. PM-T103E Datasheet HTML 4Page - Premier Magnetics, Inc. PM-T103E Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pmt1xx 7/99
TYPICAL APPLICATION
XMiT
RCVE
TRANSMIT
TRANSFORMER
PM-T1XX
RECEIVE
TRANSFORMER
PM-T1XX
COMMON MODE FILTER
PM-SFXX
XMiT
RCVE
TRANSMIT
TRANSFORMER
PM-T1XX
RECEIVE
TRANSFORMER
PM-T1XX
COMMON MODE FILTER
PM-SFXX
TYPICAL APPLICATION
EXTENDED TEMP RANGE
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE -40OC TO +85OC
PM-T113E 1:1
1.20
0.50
25
0.70
0.70
5-6
T6/H
PM-T114E 1ct:2ct
1.20
0.55
30
0.70
1.10
2-6
T6/I
PM-T115E 1ct:2ct
2.00
0.50
40
0.70
1.40
2-6
T6/I
PM-T116E 2ct:1ct
2.00
1.50
30
0.70
0.40
1-5
T6/C
PM-T117E 1:1ct
0.06
0.75
25
0.60
0.60
2-6
T6/J
PM-T119E 1ct:1
1.20
0.80
25
0.70
0.70
1-5
T6/J
PM-T120E 1:1:1.266
1.50
0.40
35
0.70
0.90
2-6,(1:1=2-6:3-5) T6/J
PM-T108E 1:2ct & 1:2ct
1.20
0.50
30
0.70
1.10
14-12 / 5-7
A7/D
PM-T121E 1:1.15ct & 1:2ct
1.5/1.2
0.6/0.5
35/40
0.70/0.70 1.10/1.30
14-12 /
5-7
A7/D
PM-T109E 1:2ct & 1:1.36
1.20
.5 & .8
35
0.80
1.80
14-12 / 5-7
A7/E
PM-T110E 1ct:2ct & 1:1
1.20
.55 & .50
30
0.7 & 0.7
1.1 & .7
1-3 / 10-8
A7/F
PM-T118E 1:2ct & 1:2ct
2.00
.60 & .60
45
0.7 & 0.7
1.0 & 1.0 14-12 / 10-8
A7/G
PART
NUMBER
Package
/
Schematic
TURNS
RATIO
(±5%)
PRIMARY
OCL
(mH Min.)
SECONDARY
L
L
(
µ HMax.)
PRI-SEC
Cw/w
(pf Max.)
PRIMARY
DCR
(Ohms Max.)
SECONDARY
DCR
(Ohms Max.)
PRIMARY
PINS


Similar Part No. - PM-T103E

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1031 PMI-PM-T1031 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1032 PMI-PM-T1032 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1033 PMI-PM-T1033 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
PM-T1034 PMI-PM-T1034 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
More results

Similar Description - PM-T103E

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
XF0013Q4AIT XFMRS-XF0013Q4AIT Datasheet
89Kb / 1P
   T1/E1/CEPT/ISDN-PRI
logo
Bothhand USA, LP.
S1312 BOTHHAND-S1312 Datasheet
71Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
S1313 BOTHHAND-S1313 Datasheet
77Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1064 BOTHHAND-4S1064 Datasheet
78Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1071 BOTHHAND-4S1071 Datasheet
82Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1073 BOTHHAND-4S1073 Datasheet
76Kb / 1P
   T1/CEPT(E1)/ISDN-PRI TRANSFORMER
4S1126 BOTHHAND-4S1126 Datasheet
85Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
4S1142 BOTHHAND-4S1142 Datasheet
65Kb / 1P
   T1/CEPT/E1/ISDN-PRI TRANSFORMER
S1096 BOTHHAND-S1096 Datasheet
52Kb / 1P
   T1/E1/CEPT/ISDN-PRI TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com