Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-V050780 Datasheet(PDF) 2 Page - Premier Magnetics, Inc.

Part # PM-V050780
Description  VERSA-PAC INDUCTORS & TRANSFORMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-V050780 Datasheet(HTML) 2 Page - Premier Magnetics, Inc.

  PM-V050780 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-V050780 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-V050780 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-V050780 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-V050780 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST CA 92630
• TEL: 949-452-0511 • FAX: 949-452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
2
pm-vxxxxx
VERSA-PAC
INDUCTORS & TRANSFORMERS
* Radial Format
* PCB Package
* Low DC Resistance
* Fully Tinned Leads
ELECTRICAL SPECIFICATIONS AT 25OC
PM-V080860
145±30%
0.16
0.11
1.40
0.08
64.5
0.57
39.0
PM-V080140
23.7±20%
0.16
0.65
1.40
0.08
64.5
3.50
39.4
PM-V080075
12.7±20%
0.16
1.21
1.40
0.08
64.5
6.50
39.4
PM-V080060
10.1±20%
0.16
1.52
1.40
0.08
64.5
8.20
39.0
PM-V080047
7.94±20%
0.16
1.94
1.40
0.08
64.5
10.5
39.0
PM-V091200
76.8±30%
0.10
0.20
2.0
0.05
65.5
1.10
30.0
PM-V090155
9.90±20%
0.10
1.60
2.0
0.05
65.5
8.80
30.0
PM-V090083
5.30±20%
0.10
2.95
2.0
0.05
65.5
16.1
30.0
PM-V090067
4.30±20%
0.10
3.60
2.0
0.05
65.5
19.8
30.0
PM-V090053
3.40±20%
0.10
4.60
2.0
0.05
65.5
25.1
30.0
PM-V101200
173±30%
0.24
0.14
1.70
0.07
98.0
1.10
30.0
PM-V100155
22.3±20%
0.24
1.05
1.70
0.07
98.0
8.80
30.0
PM-V100083
12.0±20%
0.24
1.95
1.70
0.07
98.0
16.1
30.0
PM-V100067
9.65±20%
0.24
2.40
1.70
0.07
98.0
19.8
30.0
PM-V100053
7.63±20%
0.24
3.10
1.70
0.07
98.0
25.1
30.0
PM-V110175
175±30%
0.30
0.5
2.2
0.20
110
30.0
PM-V110050
50±20%
0.30
1.0
2.2
0.12
110
30.0
PM-V110025
25±20%
0.30
2.0
2.2
0.08
110
30.0
PM-V110015
15±20%
0.30
2.5
2.2
0.05
110
30.0
PM-V110010
10±20%
0.30
3.0
2.2
0.05
110
30.0
PART
NUMBER
OCL
(
µµµµµH
±20%.)
I rms
A
(TYP)
Isat
A
(TYP)
DCR
(MAX)
E peak
µµµµµJ
(TYP)
Leak Ind
µµµµµH
(TYP)
Volt-
µµµµµsec
µµµµµVs
(TYP)
Thermal
Resistance
(TYP)


Similar Part No. - PM-V050780

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-V050780

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
VPH1-1400-R EATON-VPH1-1400-R Datasheet
1Mb / 9P
   VERSA-PAC짰 Inductors and Transformers (Surface Mount)
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
   ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
logo
Cooper Bussmann, Inc.
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Eaton All Rights Reserv...
UP2UC EATON-UP2UC Datasheet
617Kb / 4P
   UNI-PAC??drum core power inductors
UP2C EATON-UP2C Datasheet
346Kb / 4P
   UNI-PAC??drum core power inductors
UP1B-R47-R EATON-UP1B-R47-R Datasheet
2Mb / 7P
   UNI-PAC??drum core power inductors
logo
List of Unclassifed Man...
FP2-S047-R ETC2-FP2-S047-R Datasheet
1Mb / 4P
   FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
logo
Nuvotem Talema
AS-100 TALEMA-AS-100 Datasheet
58Kb / 2P
   Current Sense Inductors & Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors
Revision: 24-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com