Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB-106 Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PSB-106
Description  SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PSB-106 Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PSB-106 Datasheet HTML 1Page - Premier Magnetics, Inc. PSB-106 Datasheet HTML 2Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
psb 4/97
SPLIT BOBBIN
HIGH ISOLATION
POWER TRANSFORMERS
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-25OC TO +80OC
Ê
115V Single -OR- 115/230V Dual Primaries, 50/60Hz
Í
1.1VA To 36VA
Ë
Low Capacitive Coupling Minimizes Line Noise
Î
2500Vrms Isolation (Hi-Pot)
Ì
Dual Secondaries May Be Series -OR- Parallel Connected
Ï
Split Bobbin Construction
PART NUMBER
PSB-101
PSB-101D
1.1
10V C.T. @ 110mA
5V @ 220mA
PSB-102
PSB-102D
2.4
10V C.T. @ 250mA
5V @ 500mA
PSB-106
PSB-106D
6
10V C.T. @ 600mA
5V @ 1200mA
PSB-1012
PSB-1012D
12
10V C.T. @ 1200mA
5V @ 2400mA
PSB-1020
PSB-1020D
20
10V C.T. @ 2000mA
5V @ 4000mA
PSB-1036
PSB-1036D
36
10V C.T. @ 3600mA
5V @ 7200mA
PSB-121
PSB-121D
1.1
12V C.T. @ 90mA
6V @ 180mA
PSB-122
PSB-122D
2.4
12V C.T. @ 200mA
6V @ 400mA
PSB-126
PSB-126D
6
12V C.T. @ 500mA
6V @ 1000mA
PSB-1212
PSB-1212D
12
12V C.T. @ 1000mA
6V @ 2000mA
PSB-1220
PSB-1220D
20
12V C.T. @ 1600mA
6V @ 3200mA
PSB-1236
PSB-1236D
36
12V C.T. @ 2850mA
6V @ 5700mA
PSB-161
PSB-161D
1.1
16V C.T. @ 70mA
8V @ 140mA
PSB-162
PSB-162D
2.4
16V C.T. @ 150mA
8V @ 300mA
PSB-166
PSB-166D
6
16V C.T. @ 400mA
8V @ 800mA
PSB-1612
PSB-1612D
12
16V C.T. @ 800mA
8V @ 1600mA
PSB-1620
PSB-1620D
20
16V C.T. @ 1250mA
8V @ 2500mA
PSB-1636
PSB-1636D
36
16V C.T. @ 2250mA
8V @ 4500mA
PSB-201
PSB-201D
1.1
20V C.T. @ 55mA
10V @ 110mA
PSB-202
PSB-202D
2.4
20V C.T. @ 120mA
10V @ 240mA
PSB-206
PSB-206D
6
20V C.T. @ 300mA
10V @ 600mA
PSB-2012
PSB-2012D
12
20V C.T. @ 600mA
10V@1200mA
PSB-2020
PSB-2020D
20
20V C.T. @ 1000mA
10V@2000mA
PSB-2036
PSB-2036D
36
20V C.T. @ 1800mA
10V@3600mA
PSB-241
PSB-241D
1.1
24V C.T. @ 45mA
12V @ 90mA
PSB-242
PSB-242D
2.4
24V C.T. @ 100mA
12V @ 200mA
PSB-246
PSB-246D
6
24V C.T. @ 250mA
12V @ 500mA
PSB-2412
PSB-2412D
12
24V C.T. @ 500mA
12V@1000mA
PSB-2420
PSB-2420D
20
24V C.T. @ 800mA
12V@1600mA
PSB-2436
PSB-2436D
36
24V C.T. @ 1500mA
12V@3000mA
SECONDARY RMS RATINGS
SERIES
PARALLEL
SINGLE
115V
DUAL
115/230V
SIZE
(VA)
PART NUMBER
SECONDARY RMS RATINGS
SERIES
PARALLEL
SINGLE
115V
DUAL
115/230V
SIZE
(VA)
PSB-281
PSB-281D
1.1
28V C.T. @ 40mA
14V @ 80mA
PSB-282
PSB-282D
2.4
28V C.T. @ 85mA
14V @ 170mA
PSB-286
PSB-286D
6
28V C.T. @ 200mA
14V @ 400mA
PSB-2812
PSB-2812D
12
28V C.T. @ 420mA
14V @ 840mA
PSB-2820
PSB-2820D
20
28V C.T. @ 700mA
14V@1400mA
PSB-2836
PSB-2836D
36
28V C.T. @ 1300mA
14V@2600mA
PSB-361
PSB-361D
1.1
36V C.T. @ 30mA
18V @ 60mA
PSB-362
PSB-362D
2.4
36V C.T. @ 65mA
18V @ 130mA
PSB-366
PSB-366D
6
36V C.T. @ 170mA
18V @ 340mA
PSB-3612
PSB-3612D
12
36V C.T. @ 350mA
18V @ 700mA
PSB-3620
PSB-3620D
20
36V C.T. @ 550mA
18V@1100mA
PSB-3636
PSB-3636D
36
36V C.T. @ 1000mA
18V@2000mA
PSB-481
PSB-481D
1.1
48V C.T. @ 23mA
24V @ 46mA
PSB-482
PSB-482D
2.4
48V C.T. @ 50mA
24V @ 100mA
PSB-486
PSB-486D
6
48V C.T. @ 125mA
24V @ 250mA
PSB-4812
PSB-4812D
12
48V C.T. @ 250mA
24V @ 500mA
PSB-4820
PSB-4820D
20
48V C.T. @ 400mA
24V @ 800mA
PSB-4836
PSB-4836D
36
48V C.T. @ 750mA
24V@1500mA
PSB-561
PSB-561D
1.1
56V C.T. @ 20mA
28V @ 40mA
PSB-562
PSB-562D
2.4
56V C.T. @ 45mA
28V @ 90mA
PSB-566
PSB-566D
6
56V C.T. @ 110mA
28V @ 220mA
PSB-5612
PSB-5612D
12
56V C.T. @ 220mA
28V @ 440mA
PSB-5620
PSB-5620D
20
56V C.T. @ 350mA
28V @ 700mA
PSB-5636
PSB-5636D
36
56V C.T. @ 650mA
28V@1300mA
PSB-1201
PSB-1201D
1.1
120V C.T. @ 10mA
60V @ 20mA
PSB-1202
PSB-1202D
2.4
120V C.T. @ 20mA
60V @ 40mA
PSB-1206
PSB-1206D
6
120V C.T. @ 50mA
60V @ 100mA
PSB-12012 PSB-12012D 12
120V C.T. @ 100mA
60V @ 200mA
PSB-12020 PSB-12020D 20
120V C.T. @ 160mA
60V @ 320mA
PSB-12036 PSB-12036D 36
120V C.T. @ 300mA
60V @ 600mA
SCHEMATIC
PSB-SERIES 6-SIZES: 1.1 TO 36VA
SINGLE PRIMARY: 6-PIN, 115V - 50/60Hz
DUAL PRIMARIES: 8-PIN PACKAGE
Series for 230V - 50/60Hz
Parallel for 115V - 50/60Hz
8-PIN
DUAL PRIMARY
6-PIN
SINGLE PRIMARY
APPLICATION
INDICATES POLARITY
1
SEC #1
SEC #2
2
5
6
7
8
3
4
PRI #2
115V
50/60Hz
PRI #1
115V
50/60Hz
INDICATES POLARITY
1
SEC #1
SEC #2
4
5
6
7
8
PRI
115V
50/60Hz
Parts are UL & CSA Recognized Under UL File E244637


Similar Part No. - PSB-106

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PSB-1720 PROTECHSYSTEMS-PSB-1720 Datasheet
642Kb / 2P
   Socket 478 Pentium 4 CPU Card with VGA/Sound/LAN
More results

Similar Description - PSB-106

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
   SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Wabash Transformer Inc.
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
logo
Premier Magnetics, Inc.
PLP-102 PMI-PLP-102 Datasheet
41Kb / 3P
   LOW PROFILE DUAL BOBBIN HIGH ISOLATION POWER TRANSFORMERS
logo
Bel Fuse Inc.
241-3-10 BEL-241-3-10 Datasheet
999Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
241-L BEL-241-L Datasheet
933Kb / 3P
   Split Bobbin Construction Providing Superior Isolation
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
List of Unclassifed Man...
DSW ETC1-DSW Datasheet
35Kb / 2P
   Split Bobbin-Printed Circuit Transformers Single & Dual Primaries
logo
Pulse A Technitrol Comp...
PA3965.001NL PULSE-PA3965.001NL Datasheet
901Kb / 2P
   High Isolation Power Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com