Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-OM301 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # PM-OM301
Description  COMMON MODE LINE CHOKES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-OM301 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  PM-OM301 Datasheet HTML 1Page - Premier Magnetics, Inc. PM-OM301 Datasheet HTML 2Page - Premier Magnetics, Inc. PM-OM301 Datasheet HTML 3Page - Premier Magnetics, Inc. PM-OM301 Datasheet HTML 4Page - Premier Magnetics, Inc. PM-OM301 Datasheet HTML 5Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
PM-OMxxx
11/06
COMMON MODE LINE
CHOKES
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-40OC TO +85OC
IND. (L
s
)
@15.75Khz
(mHMin)
PART
NUMBER
CURRENT
RATING
(Arms)
LEAKAGE
L
L
(
µH Max.)
DCR
Ohms
( Max.)
H
(Max)
L
(Max)
W
(Max)
PM-OM301
32.5
1.0
485
0.650
1.400
1.650
0.925
1.20
0.70
0.054
PM-OM302
56.0
1.0
780
0.900
1.650
1.650
0.925
1.20
0.70
0.054
PM-OM303
16.0
2.0
210
0.240
1.400
1.650
0.925
1.20
0.70
0.054
PM-OM304
28.0
2.0
410
0.330
1.650
1.650
0.925
1.20
0.70
0.054
PM-OM305
8.0
4.0
57.5
0.061
1.350
1.650
0.925
1.20
0.70
0.054
PM-OM306
14.0
4.0
180
0.120
1.700
1.650
0.950
1.20
0.70
0.054
PM-OM307
6.6
6.0
49
0.048
1.400
1.600
0.925
1.20
0.70
0.054
PM-OM308
11.5
6.0
140
0.088
1.700
1.650
0.925
1.20
0.70
0.054
PM-OM309
4.0
9.0
37
0.026
1.400
1.450
0.925
1.20
0.70
0.042
PM-OM310
7.0
9.0
104
0.045
1.760
1.760
0.975
1.20
0.70
0.042
PM-OM311
3.0
12.0
40
0.022
1.700
1.700
0.950
1.20
0.70
0.048
PM-OM312
5.2
12.0
47
0.025
1.700
1.700
1.000
1.20
0.70
0.048
PM-OM313
2.5
15.0
42
0.019
1.750
1.750
1.000
1.20
0.70
0.054
PM-OM314
4.4
15.0
48
0.017
1.700
1.700
1.000
1.20
0.70
0.054
Lead
Dia.
X
(
± 0.01)
Y
(
± 0.01)
REF. DIMENSIONS IN INCHES
Ê
For High Frequency Power Supply Applications
Ì
Vertical Mount
Ë
1250 Vrms Isolation Votage
Í
Industry Standard Package
RECOMMENDED P.C.B. LAYOUT
Dimensions in inches
X
Y
MECHANICAL
SCHEMATICS
SPACER
.120 (3.0)
MIN
X
.120 +.06
(3.05 + 1.5)
PIN #2
PIN #1
4
1
2
3
Y
2
3
(BOTTOM)
H
max
L
max
W
max
P
M
PM-OMxxx
YYWW
2
1
3
4
L1B
L1A


Similar Part No. - PM-OM301

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05-12 MEANWELL-PM-05-12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results

Similar Description - PM-OM301

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L Datasheet
118Kb / 3P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com