Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-DB2743S Datasheet(PDF) 1 Page - Premier Magnetics, Inc.

Part # PM-DB2743S
Description  DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DB2743S Datasheet(HTML) 1 Page - Premier Magnetics, Inc.

  PM-DB2743S Datasheet HTML 1Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 2Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 3Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DB2743S Datasheet HTML 9Page - Premier Magnetics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
1
pm-dbxxx 01/12/09
MIL-STD-1553 / MIL-PRF-21038
DATABUS INTERFACE TRANSFORMERS
LOW PROFILE SINGLE/DUAL
ADD "+" ON P/N FOR RoHS COMPLIANCE
* Designed to Meet MIL-STD-1553 A/B & MIL-PRF-21038
* Droop Less Than 20%
* Common Mode Rejection (CMR) Greater Than 45dB
* Overshoot & Ringing
±1V Max
* Impedance Test Frequency from 75Khz to 1MHz
* Pulse Width 2
µS
PM-DB2701
1-3:4-8
1:1
1-3:5-7
1:.707
1-3=3.0, 4-8=3.0
4000
1/A
PM-DB2701EX
1-3:4-8
1:1
1-3:5-7
1:.707
1-3=3.0, 4-8=3.0
4000
1/G
PM-DB2702
1-3:4-8
1.4:1
1-3:5-7
2:1
1-3=3.5, 4-8=3.0
7200
1/A
PM-DB2703
1-3:4-8
1.25 : 1
1-3:5-7
1.66:1
1-3=3.2, 4-8=3.0
4000
1/A
PM-DB2704
4-8:1-3
2.3:1
5-7:1-3
3.2:1
1-3=1.2, 4-8=3.0
3000
4/A
PM-DB2705
1-2:4-3
1:1.41
---
---
1-2=2.2, 3-4=2.7
3000
3/C
PM-DB2705EX
1-2:3-4
1:1.41
---
---
1-2=2.2, 3-4=2.7
3000
5/C
PM-DB2706
1-5:6-2
1:1
---
---
1-5=2.5, 6-2=2.8
3000
2/B
PM-DB2707
1-5:6-2
1:1.41
---
---
1-5=2.2, 6-2=2.7
3000
2/B
PM-DB2708
1-5:6-2
1:1.66
---
---
1-5=1.5, 6-2=2.4
3000
2/B
PM-DB2709
1-5:6-2
1:2
---
---
1-5=1.3, 6-2=2.6
3000
2/B
PM-DB2710
1-3:4-8
1:2.12
1-3:5-7
1:1.5
1-3=1.0, 4-8=3.5
4000
1/A
PM-DB2711
1-3:4-8
1:1
1-3:5-7
1:.707
1-3=3.0, 4-8=3.0
4000
1/D
PM-DB2712
1-3:4-8
1.4:1
1-3:5-7
2.1:1
1-3=3.5, 4-8=3.0
7200
1/D
PM-DB2713
1-3:4-8
1.25:1
1-3:5-7
1.66:1
1-3=3.2, 4-8=3.0
4000
1/D
PM-DB2714
4-8:1-3
2.3:1
5-7:1-3
3.2:1
1-3=1.2, 4-8=3.0
3000
4/D
PM-DB2715
1-3:4-8
1:2.12
1-3:5-7
1:1.5
1-3=1.0, 4-8=3.5
4000
1/D
PM-DB2716
1-3:4-8
1:1
1-3:5-7
1:.707
1-3=3.0, 4-8=3.0
4000
1/E
PM-DB2717
1-3:4-8
1.41:1
1-3:5-7
2:1
1-3=3.5, 4-8=3.0
7200
1/E
PM-DB2718
1-3:4-8
1.25:1
1-3:5-7
1.66:1
1-3=3.2, 4-8=3.0
4000
1/E
PM-DB2719
4-8:1-3
2.3:1
5-7:1-3
3.26:1
1-3=1.2, 4-8=3.0
3000
1/E
PM-DB2720
1-3:4-8
1:2.12
1-3:5-7
1:1.5
1-3=1.0, 4-8=3.5
3000
1/E
PM-DB2721
1-3:4-8
1:1
1-3:5-7
1:.707
1-3=3.0, 4-8=3.0
4000
1/A
PM-DB2722
1-3:4-8
1.41:1
1-3:5-7
2:1
1-3=3.5, 4-8=3.0
7200
1/A
PM-DB2723
1-3:4-8
1.25:1
1-3:5-7
1.66:1
1-3=3.2, 4-8=3.0
4000
1/A
PM-DB2724
1-3:4-8
1:2.12
1-3:5-7
1:1.5
1-3=1.0, 4-8=3.5
4000
1/A
PM-DB2725
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0, 4-8=3.5
4000
1/A
PM-DB2725EX
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0, 4-8=3.5
4000
1/G
PM-DB2726
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0, 4-8=3.5
4000
1/A
PM-DB2727
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0, 4-8=3.5
4000
1/D
PM-DB2728
1-5:6-2
1:1.5
---
---
1-5=0.9, 6-2=2.5
3000
2/B
PM-DB2729
1-5:6-2
1:1.79
---
---
1-5=0.9, 6-2=2.5
3000
2/B
PM-DB2730
1-5:6-2
1:2.5
---
---
1-5=1.0, 6-2=2.8
3000
2/B
PM-DB2731
1-3:4-8
1:2.5
1-3:5-7
1:1.79
1-3=1.0, 4-8=3.5
4000
1/E
PM-DB2755
1-3:4-8
1:3.75
1-3:5-7
1:2.70
1-3=1.0, 4-8=4.0
4000
1/G
PM-DB2759 (1)
1-5:6-2
1:1.79
---
---
1-5=0.9, 6-2=2.5
3000
2/U
PM-DB2760 (1)
1-5:6-2
1:2.5
---
---
1-5=1.0, 6-2=2.8
3000
2/U
PART
NUMBER
SCHEMATICS
/
PACKAGE
DCR
(Ohms Max.)
IMPEDANCE
(Ohms MIN.)
ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE
-55OC TO +125OC
(1) OPERATING TEMPERATURE RANGE FROM -40C TO +130C
TERMINALS
/ RATIO
(± 3%)
TERMINALS
/ RATIO
(± 3%)


Similar Part No. - PM-DB2743S

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DC05105 PMI-PM-DC05105 Datasheet
36Kb / 2P
   2.0 WATT DC-DC CONVERTER Unregulated, 16 Pins SMD
PM-DC05109 PMI-PM-DC05109 Datasheet
36Kb / 2P
   2.0 WATT DC-DC CONVERTER Unregulated, 16 Pins SMD
More results

Similar Description - PM-DB2743S

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T5007NL PULSE-T5007NL Datasheet
121Kb / 2P
   ISDN S-INTERFACE LOW PROFILE DUAL SMT TRANSFORMERS
logo
Rhombus Industries Inc.
T-18300 RHOMBUS-IND-T-18300 Datasheet
48Kb / 1P
   ISDN S-Interface Low Profile SMT Dual Transformers
logo
Micro Electronics
PHT-1901 MICRO-ELECTRONICS-PHT-1901 Datasheet
240Kb / 1P
   LOW PROFILE INTERFACE COUPLING AND HYBRID TRANSFORMERS
logo
Bel Fuse Inc.
2798A BEL-2798A_00 Datasheet
41Kb / 2P
   Dual S Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1261G PCA-EPR1261G Datasheet
43Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1270G PCA-EPR1270G Datasheet
27Kb / 1P
   ISDN-S Interface Dual Transformers
EPR1251G PCA-EPR1251G Datasheet
89Kb / 1P
   ISDN-S Interface Dual Transformers
logo
PANDUIT CORP.
D-500-L455-1-612-120 PANDUIT-D-500-L455-1-612-120 Datasheet
85Kb / 2P
   DATABUS MICROCOUPLER, SINGLE STUB, LIGHTWEIGHT
logo
Bel Fuse Inc.
2800A BEL-2800A Datasheet
45Kb / 2P
   ISDN MAGNETICS Dual S Interface Transformers
0553-0013-1J BEL-0553-0013-1J Datasheet
34Kb / 2P
   T1/CEPT Dual Line Interface Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com