Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM-DSL56G Datasheet(PDF) 11 Page - Premier Magnetics, Inc.

Part # PM-DSL56G
Description  DSL LINE ISOLATION TRANSFORMERS THRU HOLE OR SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

PM-DSL56G Datasheet(HTML) 11 Page - Premier Magnetics, Inc.

Back Button PM-DSL56G Datasheet HTML 4Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 5Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 6Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 7Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 8Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 9Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 10Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 11Page - Premier Magnetics, Inc. PM-DSL56G Datasheet HTML 12Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
11
pm-dslxx 01/02
DSL LINE ISOLATION
TRANSFORMERS
THRU HOLE OR SMD
PM-DSLxx SCHEMATIC "Y"
PM-DSLxx SCHEMATIC "Z"
PM-DSLxx SCHEMATIC "AA"
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
5
SECONDARY
(CHIP SIDE)
2
4
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#5 TO PIN#2
PRI #1B
PRI #1A
SEC #1B
SEC #1A
10
8
7
6 (10)
(8)
(6)
CUSTOMER PIN (#)
(9)
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
3
SECONDARY
(CHIP SIDE)
2
4
PRI #1A
PRI #1B
(6) 7
(7) 6
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#3
(5) 8
(8) 5
SECONDARY #1
SECONDARY #2
CUSTOMER PIN NUMBER (#)
WHITE DOT
DENOTES PIN #1
PRI #1B
PRI #1A
SEC #1B
SEC #1A
10
9
7
6
1
2
4
5
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
4
SECONDARY
(CHIP SIDE)
2
5
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#4 TO PIN#2
PRI #1A
PRI #1B
SEC #1A
SEC #1B
10
8
9
7
PM-DSLxx SCHEMATIC "AB"
PM-DSLxx SCHEMATIC "AC"
PM-DSLxx SCHEMATIC "AD"
WHITE DOT
DENOTES PIN #1
10
PRIMARY
(LINE SIDE)
9
SECONDARY
(CHIP SIDE)
8
6
PRI #1B
PRI #1A
SEC #1B
SEC #1A
1
2
3
5
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#9 TO PIN#8
2) SECONDARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#3
WHITE DOT
DENOTES PIN #1
1
PRIMARY
(LINE SIDE)
2
SECONDARY
(CHIP SIDE)
3
4
PRI #1B
PRI #1A
SEC #1B
SEC #1A
NOTE:
1) PRIMARY CENTER TAP IS FORMED
BY CONNECTING PIN#6 TO PIN#7
2) SECONDARY CENTER TAP IS FORMED
BY CONNECTING PIN#2 TO PIN#3
8
7
6
5


Similar Part No. - PM-DSL56G

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-DA10 PMI-PM-DA10 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA12 PMI-PM-DA12 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DA14 PMI-PM-DA14 Datasheet
33Kb / 1P
   3KV - REINFORCED TRANSFORMERS FOR CONEXANTS SMARTDAA?
PM-DB2701 PMI-PM-DB2701 Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
PM-DB2701EX PMI-PM-DB2701EX Datasheet
214Kb / 11P
   DATABUS INTERFACE TRANSFORMERS LOW PROFILE SINGLE/DUAL
More results

Similar Description - PM-DSL56G

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PM-IU04 PMI-PM-IU04 Datasheet
114Kb / 4P
   ISDN-U THRU HOLE & SMD ISOLATION TRANSFORMERS
logo
EPCOS
B78386P1556A005 EPCOS-B78386P1556A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78386P1703A005 EPCOS-B78386P1703A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78386P1662A005 EPCOS-B78386P1662A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388P1334A005 EPCOS-B78388P1334A005 Datasheet
60Kb / 3P
   ISDN/x/DSL Transformers
B78388Q1333A005 EPCOS-B78388Q1333A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78308A1123A003 EPCOS-B78308A1123A003 Datasheet
74Kb / 3P
   ISDN/x/DSL Transformers
B78384P1111A005 EPCOS-B78384P1111A005 Datasheet
63Kb / 3P
   ISDN/x/DSL Transformers
B78475P1560A002 EPCOS-B78475P1560A002 Datasheet
66Kb / 5P
   ISDN/x/DSL Transformers
B78384A1060A002 EPCOS-B78384A1060A002 Datasheet
73Kb / 3P
   ISDN/x/DSL Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com