Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70751 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS70751
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS70751 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS70751 Datasheet HTML 3Page - Texas Instruments TPS70751 Datasheet HTML 4Page - Texas Instruments TPS70751 Datasheet HTML 5Page - Texas Instruments TPS70751 Datasheet HTML 6Page - Texas Instruments TPS70751 Datasheet HTML 7Page - Texas Instruments TPS70751 Datasheet HTML 8Page - Texas Instruments TPS70751 Datasheet HTML 9Page - Texas Instruments TPS70751 Datasheet HTML 10Page - Texas Instruments TPS70751 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TPS70745, TPS70748, TPS70751, TPS70758, TPS70702
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
SLVS291 – MAY 2000
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI†
2.7
6
V
Output current, IO (regulator 1)
0
250
mA
Output current, IO (regulator 2)
0
125
mA
Output voltage range (for adjustable option)
1.22
5.5
V
Operating virtual junction temperature, TJ
–40
125
°C
† To calculate the minimum input voltage for maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).
electrical characteristics over recommended operating junction temperature (TJ = –40°C to 125°C)
VIN1 or VIN2 = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 33 µF(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference
voltage
2.7 V < VI < 6 V,
FB connected to VO
TJ = 25°C
1.22
voltage
2.7 V < VI < 6 V,
FB connected to VO
1.196
1.244
1 2 V Output
2.7 V < VI < 6 V,
TJ = 25°C
1.2
1.2 V Output
2.7 V < VI < 6 V
1.176
1.224
O
1 5 V Output
2.7 V < VI < 6 V,
TJ = 25°C
1.5
V
VO
Output voltage
(see Notes 1 and 3)
1.5 V Output
2.7 V < VI < 6 V
1.47
1.53
O
(see Notes 1 and 3)
1 8 V Output
2.8 V < VI < 6 V,
TJ = 25°C
1.8
1.8 V Output
2.8 V < VI < 6 V
1.764
1.836
2 5 V Output
3.5 V < VI < 6 V,
TJ = 25°C
2.5
2.5 V Output
3.5 V < VI < 6 V
2.45
2.55
3 3 V Output
4.3 V < VI < 6 V,
TJ = 25°C
3.3
V
3.3 V Output
4.3 V < VI < 6 V
3.234
3.366
V
Quiescent current (GND current) for regulator 1 and
See Note 3,
TJ = 25°C
190
µA
()
g
regulator 2, EN = 0 V, (see Note 1)
See Note 3
230
µA
Output voltage line regulation (
∆VO/VO) for
VO + 1 V < VI ≤ 6 V,
TJ = 25°C,
See Note 1
0.01%
V
gg
(
OO)
regulator 1 and regulator 2 (see Note 2)
VO + 1 V < VI ≤ 6 V,
See Note 1
0.1%
V
Load regulation for VOUT1 and VOUT2
TJ = 25°C,
See Note 3
1
mV
V
Output noise voltage
Regulator 1
BW = 300 Hz to 50 kHz
CO =33 µFTJ =25°C
65
µVrms
Vn
Output noise voltage
Regulator 2
BW = 300 Hz to 50 kHz, CO = 33 µF,
TJ = 25°C
65
µVrms
Output current limit
Regulator 1
VO =0V
1.6
1.9
A
Output current limit
Regulator 2
VO = 0 V
0.750
1
A
Thermal shutdown junction temperature
150
°C
II( t db )
Standby current
Regulator 1 and
EN = VI,TJ = 25°C
2
µA
II(standby)
Standby current
g
Regulator 2
EN = VI
6
µA
PSRR
Power supply ripple rejection
f = 1 kHz, CO = 33 µF,
TJ = 25°C,
See Note 1
60
dB
NOTES:
1. Minimum input operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum input voltage = 6 V, minimum output current
1 mA.
2. If VO < 1.8 V then Vimax = 6 V, VImin = 2.7 V:
Line Regulation (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO > 2.5 V then Vimax = 6 V, VImin = Vo + 1 V:
Line Regulation (mV)
+ % V
V
O
V
imax *
V
O )
1
100
1000
3. IO = 1 mA to 250 mA for Regulator 1 and 1 mA to 125 mA for Regulator 2.


Similar Part No. - TPS70751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70751 TI1-TPS70751 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751-EP TI1-TPS70751-EP Datasheet
988Kb / 41P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751-EP TI1-TPS70751-EP Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751-EP TI-TPS70751-EP_15 Datasheet
889Kb / 42P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
TPS70751MPWPREP TI1-TPS70751MPWPREP Datasheet
988Kb / 41P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
More results

Similar Description - TPS70751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70745 TI1-TPS70745_16 Datasheet
892Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70751 TI-TPS70751_15 Datasheet
831Kb / 40P
[Old version datasheet]   Dual-Output, Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70145 TI1-TPS70145_16 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP_16 Datasheet
976Kb / 33P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145 Datasheet
523Kb / 34P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70345 TI-TPS70345 Datasheet
575Kb / 35P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS701XX TI1-TPS701XX Datasheet
563Kb / 34P
[Old version datasheet]   Dual-Output Low-Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
TPS70345-EP TI1-TPS70345-EP Datasheet
937Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70358M TI1-TPS70358M Datasheet
837Kb / 32P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS WITH POWER UP SEQUENCING FOR SPLIT VOLTAGE DSP SYSTEMS
TPS70145 TI-TPS70145_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual-Output Low Dropout Voltage Regulators with Power-Up Sequencing for Split-Voltage DSP Systems
REVISED AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com