Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POL-07003 Datasheet(PDF) 4 Page - Premier Magnetics, Inc.

Part # POL-07003
Description  OFF-LINE SWITCH MODE TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

POL-07003 Datasheet(HTML) 4 Page - Premier Magnetics, Inc.

  POL-07003 Datasheet HTML 1Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 2Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 3Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 4Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 5Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 6Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 7Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 8Page - Premier Magnetics, Inc. POL-07003 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
4
pol 10/99
OFF-LINE
SWITCH MODE
TRANSFORMERS
GENERAL ELECTRICAL SPECIFICATIONS AT 25OC - OPERATING TEMPERATURE RANGE 0OC TO +70OC
CLICK ON THE RESPECTIVE PART NUMBER TO DISPLAY A DETAIL DATA SHEET
POL-15033
TOP 226
12.0
3.00
36.0
VTP-01002 PMCE-0330 E30
TSD-7622
TOP 103
12.0
3.40
41.0
VTP-01002 PMCE-0330 E28/11
TSD-1834
TOP 247
12
3.75
45.0
VTP-01005 PMCE-0330 EI19
TSD-7772
TOP 104
12.0
5.00
60.0
VTP-01005 PMCE-0330 E30
TSD-1405
TOP 224P 12.0
1.70
20.4
VTP-01002 PMCU-0220 E25.4
POL-12208
TOP 223
12x2
0.50/0.30
9.6
VTP-01001 PMCU-0330 E22/19/
POL-12216
TOP 224
12x2
0.80/0.80
21.5
VTP-01001 PMCU-0330 EI25-Vert
TSD-1943
TOP 248
12x2
2.5/2.5
62.5
VTP-01002 PMCE-0330 E30
TSD-1551
TOP 222Y 12/5/3.3/-12
0.1/0.2/1.5/0.1
8.4
VTP-01001 PMCU-0330 EE22/19/6
TSD-1654
TOP 223Y 12/12
0.30/0.50
9.6
VTP-01001 PMCU-0330 EE19/EI19
TSD-1469
TOP 222Y 13/6/3.3/-13
0.1/0.2/1.5/0.1
8.8
VTP-01001 PMCU-0330 EE22/19/6
POL-150332
TOP 104
13.8
4.00
56.0
VTP-01002 PMCE-0330 E30
TSD-9463
TOP 210
14.0
0.20
3.0
VTP-01001 PMCU-0330 E16-Horz
TSD-1010
TOP 210
14.0
0.43
4.5
VTP-01001 PMCU-0330 EFD20
TSD-10033
TOP 210
15.0
0.20
3.0
VTP-01001 PMCU-0330 E16-Horz
TSD-13303
TOP 210
15.0
0.20
3.0
VTP-01001 PMCU-0330 E16-Vert
TSD-1811
TOP 243
15.0
1.0
15.0
VTP-01001 PMCU-0220 EE16
TSD-7373
TOP 223
15.0
1.00
15.0
VTP-01001 PMCU-0330 E22/19/6
POL-15020
TOP 226
15.0
2.00
30.0
VTP-01002 PMCU-0330 E28/11
POL-15033
TOP 226
15.0
3.33
50.0
VTP-01002 PMCE-0330 E30
TSD-812
TOP 204
15.0
3.33
50.0
VTP-01002 PMCE-0330 EER28L
POL-150731
TOP 204
15.0
7.33
110.0
VTP-02007 PMCE-3330 EER28L
POL-152043
TOP 200
15x2
0.20/0.20
6.0
VTP-01001 PMCU-0220 E19-Horz
TSD-1683
TOP 221
15.0/15.0
0.20/0.18
6.3
VTP-01001 PMCU-0220 EE22
TSD-860
TOP 202
+15/6.9
+0.60/0.30
20.0
VTP-01001 PMCU-0330 E28/11
TSD-1432
TOP 224Y 15/-15/6.9
0.8/0.8/0.3
26.1
VTP-01001 PMCU-0330 EER28L
TSD-1385
TOP 204
15/15/5
0.2/0.2/1.0
11.0
VTP-01002 PMCU-0330 E28/11
TSD-8731
TOP 210
17.0
0.10
1.7
Bead
N/A
EP10-SMD
TSD-1035
TOP 221
17.0
0.20
3.5
Bead
N/A
EP10-SMD
TSD-1197
TOP 227
17/21/17
2.0/0.25/0.25
90.0
VTP-01002 PMCE-0330 EI33/29
TSD-10553
TOP 210
15V to 18V
.300 to .350
5.5
VTP-01001 PMCU-0220 EEL16
TSD-1439
TOP 221Y 18.0
0.2
3.6
VTP-01001 PMCU-0220 EE16/EI16
TSD-9683
TOP 202
18x2
0.40/0.40
14.4
VTP-01001 PMCU-0330 E22/19/6
POL-30208
TOP 244
18/+30/-30
0.30/0.75/0.5
30.0
VTP-01001 PMCU-0330 EE28/11
TSD-1668
TOP 232
18.0
0.40
7.2
VTP-01001 PMCU-0220 EEL16
TSD-1752
TOP 232
19.0
0.45
8.6
VTP-01001 PMCU-0220 EEL19
POL-22007
TOP 202
22.0
0.70
15.4
VTP-01001 PMCU-0330 E22/19/6
TSD-9244
TOP 202
22.0
0.70
15.4
VTP-01001 PMCU-0330 E22/19/6
PART
NUMBER
Recommended
Power Intgr.
Controller
APPLICATION DATA
Output Voltages
Output Currents
Con
Vout Vdc
Io_cont Amps
Watt
Recommended
Output Filter
Input Filter
Inductor (L2)
CMC (L1)
Package
Schematic
Units are Designed for a Universal AC Input of 85 to 265Vac, 47/440 Hz, Unless Otherwise Designated.
1
= Unit Designed for Voltage Doubler Input -or- PFC Corrected Front End.
2
= Unit Designed for AC Input of 85 to135Vac, 47/440Hz.
3
= Minimum Parts Count Design (lowest cost). Designed for Relatively Constant Lload Power.
Applications Where Load Regulation of 5.0 % & Line Regulation of 3.0 % is Acceptable.
4
= Faraday Shield Between Primary + Bias & Secondaries. Connected to Bias - Pin.


Similar Part No. - POL-07003

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
POL XFMRS-POL Datasheet
420Kb / 1P
   Transformer/Filter Module
logo
Wall Industries,Inc.
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   POL06-05T SERIES
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-05T WALL-POL06-05T_18 Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-12T WALL-POL06-12T Datasheet
426Kb / 5P
   POL06-12T SERIES
More results

Similar Description - POL-07003

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PNY-05015 PMI-PNY-05015 Datasheet
189Kb / 8P
   OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
PNK-30001 PMI-PNK-30001 Datasheet
85Kb / 3P
   OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com