Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POL-12012 Datasheet(PDF) 8 Page - Premier Magnetics, Inc.

Part # POL-12012
Description  OFF-LINE SWITCH MODE TRANSFORMERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMI [Premier Magnetics, Inc.]
Direct Link  http://www.premiermag.com
Logo PMI - Premier Magnetics, Inc.

POL-12012 Datasheet(HTML) 8 Page - Premier Magnetics, Inc.

  POL-12012 Datasheet HTML 1Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 2Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 3Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 4Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 5Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 6Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 7Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 8Page - Premier Magnetics, Inc. POL-12012 Datasheet HTML 9Page - Premier Magnetics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
20381 BARENTS SEA CIRCLE, LAKE FOREST, CA 92630
• TEL: (949) 452-0511 • FAX: (949) 452-0512 • http://www.premiermag.com
Specifications subject to change without notice.
8
pol 10/99
OFF-LINE
SWITCH MODE
TRANSFORMERS
5.00
(.197)
34.30
(1.350)
MAX
29.00
(1.142)
MAX
32.00
(1.260)
MAX
4.0
(.157)
MIN
22.5
(.886)
PIN #1
WHITE DOT
CORE
TAPED
12
34
56
123
45
6
12
11
10
9
8
7
25.00
(.984)
0.8 DIA.
(.032)
24.2
(.953)
MAX
28.5
(1.122)
MAX
5.0
(.197)
20.0
(.787)
4.0
(.157)
MIN
12345
17.5
(.689)
25.5
(1.004)
MAX
0.8 DIA.
(.032)
PIN #1
WHITE DOT
123
45
10
98
76
E28/11
P
M
POL-XXXX
YYWW
E30
MECHANICALS
5.00
(.197)
31.50
(1.240)
MAX
26.50
(1.043)
MAX
29.00
(1.142)
MAX
4.0
(.157)
MIN
20.0
(.787)
PIN #1
WHITE DOT
CORE
TAPED
12
3
456
12345
6
12
11
10
9
8
7
25.00
(.984)
0.8 DIA.
(.032)
P
M
POL-XXXX
YYWW
EI33/29
P
M
POL-XXXX
YYWW
5.00
(.197)
41.00
(1.615)
MAX
31.00
(1.220)
MAX
36.10
(1.421)
MAX
4.0
(.157)
MIN
22.5
(.886)
PIN #1
WHITE DOT
CORE
TAPED
12
3
4
5
6
1
2
34
56
12
11
10
9
8
7
25.00
(.984)
0.8 DIA.
(.032)
P
M
TSD-XXXX
YYWW
EI40


Similar Part No. - POL-12012

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
POL XFMRS-POL Datasheet
420Kb / 1P
   Transformer/Filter Module
logo
Wall Industries,Inc.
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   POL06-05T SERIES
POL06-05T WALL-POL06-05T Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-05T WALL-POL06-05T_18 Datasheet
359Kb / 5P
   6A Output Current Rating DC/DC Open Frame Converter Single Output
POL06-12T WALL-POL06-12T Datasheet
426Kb / 5P
   POL06-12T SERIES
More results

Similar Description - POL-12012

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PNY-05015 PMI-PNY-05015 Datasheet
189Kb / 8P
   OFF-LINE SWITCH MODE TINY SWITCH TRANSFORMERS
PNK-30001 PMI-PNK-30001 Datasheet
85Kb / 3P
   OFF-LINE SWITCH MODE LINK SWITCH TRANSFORMERS
logo
Pulse A Technitrol Comp...
PH9185 PULSE-PH9185 Datasheet
566Kb / 2P
   Switch Mode Transformers
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
   OFF LINE PRIMARY SWITCH
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
   OFF-line Primary Switch
VIPER53-E STMICROELECTRONICS-VIPER53-E Datasheet
358Kb / 36P
   OFF-line primary switch
logo
Cherry Semiconductor Co...
CS3842B CHERRY-CS3842B Datasheet
154Kb / 6P
   Off-Line Current Mode PWM Control Circuit Off-Line Current Mode PWM Control Circuit
logo
Power Integrations, Inc...
TOP221 POWERINT-TOP221 Datasheet
1Mb / 20P
   Three-Terminal Off-Line PWM Switch
TOP200 POWERINT-TOP200_V01 Datasheet
128Kb / 16P
   Three-terminal Off-line PWM Switch
July 1996
TOP224GN POWERINT-TOP224GN Datasheet
483Kb / 21P
   Three-terminal Off-line PWM Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com