Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61003DGS Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61003DGS
Description  SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61003DGS Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61003DGS Datasheet HTML 5Page - Texas Instruments TPS61003DGS Datasheet HTML 6Page - Texas Instruments TPS61003DGS Datasheet HTML 7Page - Texas Instruments TPS61003DGS Datasheet HTML 8Page - Texas Instruments TPS61003DGS Datasheet HTML 9Page - Texas Instruments TPS61003DGS Datasheet HTML 10Page - Texas Instruments TPS61003DGS Datasheet HTML 11Page - Texas Instruments TPS61003DGS Datasheet HTML 12Page - Texas Instruments TPS61003DGS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TPS61000, TPS61001, TPS61002, TPS61003, TPS61004, TPS61005, TPS61006
SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
SLVS279A – MARCH 2000 – REVISED MAY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Output Current
2, 3
η
Efficiency
vs Inductor Type
4
vs Input Voltage
5
IO
Maximum Output Current
vs Input Voltage
6
VO
Output Voltage
vs Output Current
7
VO
TPS61000 Output Voltage
vs Output Current
8
IQ
No-Load Supply Current
vs Input Voltage
9
ISD
Shutdown Current
vs Input Voltage
10
VI
Minimum Start-Up Input Voltage
vs Load Current
11
ILIM
Switch current limit
vs Output Voltage
12
Output Voltage Ripple Amplitude
13
Output Voltage Ripple Amplitude
14
Load Transient Response
15
Line Transient Response
16
Start-Up Timing
17
Figure 2
50
40
20
0
110
80
90
EFFICIENCY
vs
OUTPUT CURRENT
100
100
70
60
30
10
VO = 3.3 V
VO = 1.5 V
VI = 1.2 V
IO – Output Current – mA
1000
Figure 3
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
VO = 3.3 V
VO = 2.8 V
VI = 2.4 V
EFFICIENCY
vs
OUTPUT CURRENT
IO – Output Current – mA


Similar Part No. - TPS61003DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61003DGS TI-TPS61003DGS Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61003DGS TI1-TPS61003DGS Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61003DGSG4 TI1-TPS61003DGSG4 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
More results

Similar Description - TPS61003DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Monolithic Power System...
MP5410 MPS-MP5410 Datasheet
458Kb / 12P
   Low Start-up Voltage Boost Converter with Four SPDT Switches
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
logo
Fairchild Semiconductor
ILC6383 FAIRCHILD-ILC6383 Datasheet
480Kb / 15P
   1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
logo
Bookly Micro electronic
BM0950HV BOOKLY-BM0950HV Datasheet
238Kb / 2P
   Step-up boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com